Electronic Components Datasheet Search
  English  ▼

X  

F75387RG Datasheet(PDF) 39 Page - Feature Integration Technology Inc.

Part # F75387RG
Description  짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75387RG Datasheet(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F75387RG Datasheet HTML 35Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 36Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 37Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 38Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 39Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 40Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 41Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 42Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
July, 2007
0.27P
37
F75387
FAN1_MODE[2] register) will be loaded into FAN2 expected count registers
(index 84h,85h).
When VT2 temperature is below this boundary - hysteresis, FAN2 segment
3
speed count registers (index A6h x16 or index A7h depending on the
FAN2_MODE[2] register) will be loaded into FAN2 expected count
registers(index 84h,85h).
8.52. VT2 BOUNDARY 3 TEMPERATURE – Index B2h
Power-on default [7:0] = 32h
Bit
Name
Attribute
Description
7
Reserved
RO
Return 0 when read.
6-0
BOUND3TMP2
R/W
The 3
rd BOUNDARY temperature for VT2 in temperature mode.
When VT2 temperature exceeds this boundary, FAN2 segment 3 speed
count register (index B6h x 16 or index B6h depending on the
FAN2_MODE[2] register) will be loaded into FAN2 expected count
registers(index 84h,85h).
When VT2 temperature is below this boundary, FAN2 segment 4 speed
count register (index B7h x 16 or index B7h depending on the
FAN2_MODE[2] register) will be loaded into FAN2 expected count
registers(index 74h,75h).
8.53. VT2 BOUNDARY 4 TEMPERATURE – Index B3h
Power-on default [7:0] = 28h
Bit
Name
Attribute
Description
7
Reserved
-
Return 0 when read.
6-0
BOUND4TMP2
R/W
The 4
th BOUNDARY temperature for VT2 in temperature mode.
When VT2 temperature exceeds this boundary, FAN2 segment 4 speed
count register (index B8h x 16 or B8h depending on the FAN2_MODE[2]
register) will be loaded into FAN2 expected count registers (index 84h,85h).
When VT2 temperature is below this boundary, FAN2 segment 5 speed
count registers(index B9h x 16 or B9h depending on the FAN1_MODE[2]
register) will be loaded into FAN2 expected count registers (index 84h,85h).
8.54. FAN2 SEGMENT 1 SPEED COUNT
– Index B4h
Power-on default [7:0] = FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com