Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1562
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 1 Page - Linear Technology

  LTC1562 Datasheet HTML 1Page - Linear Technology LTC1562 Datasheet HTML 2Page - Linear Technology LTC1562 Datasheet HTML 3Page - Linear Technology LTC1562 Datasheet HTML 4Page - Linear Technology LTC1562 Datasheet HTML 5Page - Linear Technology LTC1562 Datasheet HTML 6Page - Linear Technology LTC1562 Datasheet HTML 7Page - Linear Technology LTC1562 Datasheet HTML 8Page - Linear Technology LTC1562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1567
1
1567fa
, LTC, LT and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
The LT
®1567 is an analog building block optimized for
very low noise high frequency filter applications. It con-
tains two wideband rail-to-rail operational amplifiers, one
of them internally configured as a unity-gain inverter.
With the addition of a few passive components, the
LT1567 becomes a flexible second order filter section
with cutoff frequency (fC) up to 5MHz, ideal for antialias-
ing or for channel filtering in high speed data communi-
cations systems. A spreadsheet-based design tool is
available at www.linear.com for designing lowpass and
bandpass filters using the LT1567.
In addition to low noise and high speed, the LT1567
features single-ended to differential conversion for direct
driving of high speed differential input A/D converters. The
LT1567 operates from a total power supply voltage of 2.7V
to 12V and supports signal-to-noise ratios above 100dB.
The LT1567 is available in an 8-lead MSOP package.
■ Low Noise, High Speed Filters to 5MHz
■ Low Noise Differential Circuits
■
Communication Channel or Roofing Filters
■ Antialias or Reconstruction Filtering
■ Video Signal Processing
■
Single-Ended to Differential Conversion
2MHz 3-Pole Antialias Filter with
Single-Ended to Differential Conversion
Frequency Response
■ Single-Ended to Differential Conversion
■
Low Noise: 1.4nV/
√Hz
■ 20
µVRMS Total Wideband Noise in Filter
with 2MHz fC
■
Dynamic Range: 104dB SNR at
±5V
■ Total Supply Voltage: 2.7V to 12V
■ Rail-to-Rail Outputs
■
DC Accurate: Op Amp VOS 0.5mV (Typ)
■ Trimmed Bandwidth for Accurate Filters
■ No External Clock Required
■
MSOP-8 Surface Mount Package
1.4nV/
√Hz 180MHz
Filter Building Block
FREQUENCY (Hz)
100
12
6
0
–6
–12
–18
–24
–30
–36
1M
10M
1567 TA01a
NOTE: 6dB GAIN RESULTS FROM
SINGLE-ENDED TO DIFFERENTIAL
CONVERSION
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
–AIN
+AIN
ADC
1567 TA01
VIN
0.1
µF
0.1
µF
C1
270pF
C3
270pF
C2
270pF
0.1
µF
V–
V+
1
2
3
4
8
7
6
5
R2
536
Ω
R3
147
Ω
R1
536
Ω
R4
147
Ω
R5
147
Ω
LTC1420
96dB DIFFERENTIAL SNR WITH 3V TOTAL SUPPLY
LT1567
R2
R1
GAIN =
≤ 2.5MHz
f–3dB
R3 = R4 = R5, C1 = C2 = C3
1.82
2
πR2C2
f–3dB =
=
f–3dB ≤ 2.5MHz
;
1
4
πR3C3


Similar Part No. - LTC1562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Integrated Syste...
LTC1562 LINEAR-LTC1562 Datasheet
319Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Analog Devices
LTC1562 AD-LTC1562 Datasheet
330Kb / 16P
High Performance Triple Universal Filter Building Block
REV E
LTC1562 AD-LTC1562 Datasheet
294Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1562 AD-LTC1562 Datasheet
346Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
REV A
More results

Similar Description - LTC1562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
High Performance Triple Universal Filter Building Block?
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com