Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1562
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 3 Page - Linear Technology

  LTC1562 Datasheet HTML 1Page - Linear Technology LTC1562 Datasheet HTML 2Page - Linear Technology LTC1562 Datasheet HTML 3Page - Linear Technology LTC1562 Datasheet HTML 4Page - Linear Technology LTC1562 Datasheet HTML 5Page - Linear Technology LTC1562 Datasheet HTML 6Page - Linear Technology LTC1562 Datasheet HTML 7Page - Linear Technology LTC1562 Datasheet HTML 8Page - Linear Technology LTC1562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1567
3
1567fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs of each op amp are protected by back-to-back diodes
and diodes to each supply. If either input exceeds the supply or the
differential input voltage exceeds 1.4V, the input current should be limited
to less than 25mA.
Note 3: The LT1567C and LT1567I are guaranteed functional over the
operating temperature range –40
°C to 85°C.
Note 4: The LT1567C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1567C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but not tested or QA
sampled at these temperatures. The LT1567I is guaranteed to meet
specified performance from – 40
°C to 85°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OA Input Bias Current
●
310
µA
DC BIAS Input Bias Current
●
615
µA
OA DC Open-Loop Gain
VS = ±1.5V, RL = 1k, VO = –1V to 1V
●
7.5
55
V/mV
VS = ±2.5V, RL = 1k, VO= –2V to 2V
●
10
60
V/mV
VS = ±2.5V, RL = 100, VO = –1.5V to 1.5V
●
1.2
7.0
V/mV
VS = ±5V, RL = 1k, VO = –4V to 4V
●
10
80
V/mV
INV DC Gain
VS = ±1.5V, RL = 1k, VIN = –1V to 1V
●
0.97
1.04
V/V
VS = ±2.5V, RL = 1k, VIN = –2V to 2V
●
0.97
1.04
V/V
VS = ±2.5V, RL = 100, VIN = –1.5V to 1.5V
●
0.97
1.04
V/V
VS = ±5V, RL = 1k, VIN = –4V to 4V
●
0.97
1.04
V/V
INV DC Input Resistance
VS = ±2.5V, RL = 1k, VIN = –2V to 2V
●
450
600
750
Ω
OA Gain Bandwidth Product
Measured at 2MHz, VS = ±1.5V
●
100
180
MHz
Measured at 2MHz, VS = ±2.5V
●
110
185
MHz
Measured at 2MHz, VS = ±5V
●
120
190
MHz
INV Bandwidth
–3dB
85
MHz
INV AC Gain
Measured at 2MHz
●
0.96
1.0
1.05
V/V
OA Slew Rate
VS = ±5V
55
V/
µs
INV Slew Rate
VS = ±5V
90
V/
µs
OA Input Voltage Noise Density (Note 7)
f = 100kHz
1.4
nV/
√Hz
OA Input Current Noise Density
f = 100kHz
1.0
pA/
√Hz
Wideband Output Noise for a Second Order Filter (Figure 1)
fC = 2MHz, BW = 4MHz (Note 8)
20
µVRMS
fC = 5MHz, BW = 10MHz (Note 8)
30
µVRMS
Total Harmonic Distortion (THD)
f = 1MHz, fC = 2MHz, VOUT = 1VRMS
–88
dB
for a Second Order Filter (Figure 1)
f = 2.5MHz, fC = 5MHz, VOUT = 1VRMS
–70
dB
Output Short-Circuit Current (Note 9)
●
850
mA
OA Output Impedance
f = 100kHz, OA Connected as
0.03
Ω
Unity-Gain Inverter
INV Output Impedance
f = 100kHz
0.7
Ω
Note 5: With INVIN pin driven to
±2V.
Note 6: This parameter is not 100% tested.
Note 7: The input referred voltage noise density of the unity gain inverter
is 5.6nV/
√Hz which includes the noise of the gain setting resistors.
Note 8: For fC = 2MHz, C1 = C2 = 180pF, R1 = R2 = 604Ω, R3 = 316Ω and
for fC = 5MHz, C1 = C2 = 180pF, R1 = R2 = 232Ω, R1 = 130Ω. BW is the
bandwidth of the noise measurement (Figure 1 circuit).
Note 9: Under direct short circuit conditions, with TA < 25°C the output
current is reduced.
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications that apply over the full operating temperature range (Note 4), otherwise specifications and typical
values are at TA = 25°C. VS = ±2.5V, RL = 1K, VOUT = 0 on both amplifiers unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com