Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1562
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 4 Page - Linear Technology

  LTC1562 Datasheet HTML 1Page - Linear Technology LTC1562 Datasheet HTML 2Page - Linear Technology LTC1562 Datasheet HTML 3Page - Linear Technology LTC1562 Datasheet HTML 4Page - Linear Technology LTC1562 Datasheet HTML 5Page - Linear Technology LTC1562 Datasheet HTML 6Page - Linear Technology LTC1562 Datasheet HTML 7Page - Linear Technology LTC1562 Datasheet HTML 8Page - Linear Technology LTC1562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1567
4
1567fa
TYPICAL PERFOR A CE CHARACTERISTICS
OA Open-Loop Gain and Phase
vs Frequency
FREQUENCY (MHz)
0
60
70
–10
–20
50
20
40
30
10
0.1
10
100
1567 G01
–30
–60
120
150
–90
–120
90
0
60
30
–30
–150
1
VS = ±5V
TA = 25°C
PHASE
GAIN
FREQUENCY (MHz)
0
60
70
–10
–20
50
20
40
30
10
0.1
10
100
1567 G02
–30
–60
120
150
–90
–120
90
0
60
30
–30
–150
1
VS = ±1.5V
TA = 25°C
PHASE
GAIN
FREQUENCY (MHz)
–4
8
10
–6
–8
6
0
4
2
–2
0.1
10
100
1567 G03
–10
168
180
182
166
164
178
172
176
174
170
162
1
VS = ±5V
TA = 25°C
GAIN
OA OUT
PHASE
OA OUT
PHASE
INV OUT
GAIN
INV OUT
OA Open-Loop Gain and Phase
vs Frequency
Closed-Loop Gain and Phase of OA
and INV vs Frequency (AV = –1)
PSRR of OA vs Frequency
FREQUENCY (MHz)
20
40
50
70
90
0.001
0.1
1
10
1567 G04
0
0.01
60
30
10
80
VS = ±5V
AV = –10
RF = 1k
RG = 100Ω
RL = 1k
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (MHz)
20
40
50
70
90
0.001
0.1
1
10
1567 G05
0
0.01
60
30
10
80
POSITIVE
SUPPLY
VS = ±5V
AV = –1
RF = RG = 1k
RL = 1k
NEGATIVE
SUPPLY
PSRR of OA or INV vs Frequency
TEMPERATURE (
°C)
–55
150
175
225
250
275
–15
25
45
125
1567 G14
200
–35
–15
25
45
65
5
–35
5
65
85 105
PHASE MARGIN
VS = ±5V
PHASE MARGIN
VS = ±1.5V
GBW PRODUCT
VS = ±5V
GBW PRODUCT
VS = ±1.5V
OA Gain Bandwidth Product and
Phase Margin vs Temperature
Closed-Loop Gain and Phase of OA
and INV vs Frequency (AV = –1)
FREQUENCY (MHz)
–4
8
10
–6
–8
6
0
4
2
–2
0.1
10
100
1567 G15
–10
168
180
182
166
164
178
172
176
174
170
162
1
VS = ±1.5V
TA = 25°C
GAIN
INV OUT
PHASE
OA OUT
PHASE
INV OUT
GAIN
OA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com