Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1562
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1562 Datasheet HTML 8Page - Linear Technology LTC1562 Datasheet HTML 9Page - Linear Technology LTC1562 Datasheet HTML 10Page - Linear Technology LTC1562 Datasheet HTML 11Page - Linear Technology LTC1562 Datasheet HTML 12Page - Linear Technology LTC1562 Datasheet HTML 13Page - Linear Technology LTC1562 Datasheet HTML 14Page - Linear Technology LTC1562 Datasheet HTML 15Page - Linear Technology LTC1562 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT1567
14
1567fa
R2
VOUT
R1
RS
RP
NOISE AT VOUT IN VRMS = VON IN V/√Hz • √fNBW
fNBW = NOISE BANDWIDTH
VON =
IF VSN AND RS = 0
THEN
+ 1
• VN
2 +
• (VR1
2 + V
SN
2) + V
R2
2 + (I
N • R2)
2
2
VS
CS
1567 AP01
+
–
()
R2
R1 + RS
2
()
R2
R1 + RS
VON =
+ 1
• VN
2 +
• VR1
2 + V
R2
2 + (I
N • R2)
2
2
()
R2
R1
2
()R2
R1
VON is the voltage noise density in V/√Hz at the inverter’s
output.
VN is the op amp’s voltage noise density in V/√Hz.
IN is the op amp’s current noise density in A/√Hz.
VSN is the voltage noise density of the input voltage source
VS with source resistance RS. (If VSN is less than one-half
the noise of resistor R1, then the calculation error when
omitting VSN is less than 4.3%.)
VR1 and VR2 is the voltage noise density of the thermal
noise of resistors (R1 + RS) and R2 respectively. Resistor
RS is typically smaller than R1 and is omitted from noise
calculations. The voltage noise density of the thermal
noise of a resistor R is approximately 0.128x
√RnV/√Hz at
25
°C.
The RP resistor noise at the op amp’s plus input is equal
to
√(kT/CS) and is omitted from noise calculations. (If
CS = 0.1µF, the RP noise is 0.2µVRMS at 25°C, k = 1.38x
10–23 and T = 273
°C + 25°C.)
The noise bandwidth (fNBW) is greater than a circuit’s
–3dB bandwidth. (For a 1st, 2nd or 3rd order Butterworth
filter, fNBW is 1.57x, 1.22x and 1.15x respectively the –
3dB bandwidth.)
VON =
VON = 5.29nV/√Hz
+ 1
• (1.4 •10–9)2 +
• (0.128 •10–9 •
√604)2 + (0.128 • 10–9 • √604)2 + (10–12 • 604)2
2
()
604
604
2
()604
604
Example: Calculate VON, the voltage noise density of an
LT1567 op amp inverter for R1 = R2 = 604
Ω. With
VN = 1.4nV/√Hz and IN = 1pA/√Hz.
APPE DIX: OUTPUT OISE OF A OP A P I VERTI G A PLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com