Electronic Components Datasheet Search
  English  ▼

X  

LT1614CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1614CS8 Datasheet HTML 5Page - Linear Technology LT1614CS8 Datasheet HTML 6Page - Linear Technology LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology LT1614CS8 Datasheet HTML 9Page - Linear Technology LT1614CS8 Datasheet HTML 10Page - Linear Technology LT1614CS8 Datasheet HTML 11Page - Linear Technology LT1614CS8 Datasheet HTML 12Page - Linear Technology LT1614CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1614
OPERATIO
500
µs/DIV
1614 F08
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA
50mA
500ns/DIV
1614 F09
VOUT
20mV/DIV
AC COUPLED
VSW
5V/DIV
500
µs/DIV
1614 F10
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA
50mA
500ns/DIV
1614 F11
VOUT
10mV/DIV
AC COUPLED
VSW
5V/DIV
Figure 8. Load Step Response of LT1614
with 33
µF Tantalum Output Capacitor
Figure 9. 33
µF “B” Case Tantalum Capacitor Has ESR Resulting
in 40mVP-P Voltage Ripple at Output with 200mA Load
Figure 10. Replacing C3 with 22
µF Ceramic Capacitor
Lowers Output Voltage Ripple. 1nF Phase-Lead Capacitor
in Parallel with R1 Lowers Transient Excursion
Figure 11. 22
µF Ceramic Capacitor at
Output Reduces Output Ripple Voltage
1
2
8
7
3
4
6
5
L1
C2
L2
D1
RC
R2
CC
C3
VIN
GND
SHUTDOWN
1614 F12
C1
+
VOUT
R1
Figure 12. Suggested Component Placement. Note: Cut in Ground Copper at D1’s Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com