Electronic Components Datasheet Search
  English  ▼

X  

LT1614CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1614CS8 Datasheet HTML 1Page - Linear Technology LT1614CS8 Datasheet HTML 2Page - Linear Technology LT1614CS8 Datasheet HTML 3Page - Linear Technology LT1614CS8 Datasheet HTML 4Page - Linear Technology LT1614CS8 Datasheet HTML 5Page - Linear Technology LT1614CS8 Datasheet HTML 6Page - Linear Technology LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology LT1614CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1614
Inverting 600kHz
Switching Regulator
The LT
®1614 is a fixed frequency, inverting mode switch-
ing reglator that operates from an input voltage as low as
1V. Utilizing a low noise topology, the LT1614 can gener-
ate a negative output down to – 24V from a 1V to 5V input.
Fixed frequency switching ensures a clean output free
from low frequency noise. The device contains a low-
battery detector with a 200mV reference and shuts down
to less than 10
µA.NoloadquiescentcurrentoftheLT1614
is 1mA and the internal NPN power switch handles a
500mA current with a voltage drop of just 295mV.
High frequency switching enables the use of small induc-
tors and capacitors. Ceramic capacitors can be used in
many applications, eliminating the need for bulky tanta-
lum types.
The LT1614 is available in 8-lead MSOP or SO packages.
s
Better Regulation Than a Charge Pump
s
0.1
Ω Effective Output Impedance
s
– 5V at 200mA from a 5V Input
s
600kHz Fixed Frequency Operation
s
Operates with VIN as Low as 1V
s
1mA Quiescent Current
s
Low Shutdown Current: 10
µA
s
Low-Battery Detector
s
Low VCESAT Switch: 295mV at 500mA
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
MR Head Bias
s
LCD Bias
s
GaAs FET Bias
s
Positive-to-Negative Conversion
5V to – 5V Converter Efficiency
Figure 1. 5V to – 5V/200mA Converter
VIN
SW
LT1614
L1
22
µH
VIN
5V
D1
NFB
SHDN
69.8k
24.9k
100k
1nF
VOUT
–5V
200mA
C1, C2: AVX TAJB336M010
C3: TAIYO YUDEN EMK316BJ105MF
D1: MBR0520
L1, L2: MURATA LQH3C220
1614 TA01
C1
33
µF
C2
33
µF
VC
GND
L2
22
µH
C3
1
µF
+
LOAD CURRENT (mA)
310
30
60
70
80
90
100
300
1614 TA02
50
40
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1614CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614CS8 LINER-LT1614CS8 Datasheet
218Kb / 8P
Inverting 600kHz Switching Regulator
More results

Similar Description - LT1614CS8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Linear Technology
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
Inverting 600kHz Switching Regulator
logo
Rohm
BD9718G ROHM-BD9718G Datasheet
102Kb / 3P
Inverting Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com