Electronic Components Datasheet Search
  English  ▼

X  

LT1614CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology LT1614CS8 Datasheet HTML 9Page - Linear Technology LT1614CS8 Datasheet HTML 10Page - Linear Technology LT1614CS8 Datasheet HTML 11Page - Linear Technology LT1614CS8 Datasheet HTML 12Page - Linear Technology LT1614CS8 Datasheet HTML 13Page - Linear Technology LT1614CS8 Datasheet HTML 14Page - Linear Technology LT1614CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1614
APPLICATIONS INFORMATION
Shutdown Pin
The LT1614 has a Shutdown pin (SHDN) that must be
grounded to shut the device down or tied to a voltage equal
or greater than VIN to operate. The shutdown circuit is
shown in Figure 13.
Note that allowing SHDN to float turns on both the start-
up current (Q2) and the shutdown current (Q3) for VIN >
2VBE. The LT1614 doesn’t know what to do in this situation
and behaves erratically. SHDN voltage above VIN is al-
lowed. This merely reverse-biases Q3’s base emitter junc-
tion, a benign condition. The low-battery detector is dis-
abled when SHDN is low.
Figure 13. Shutdown Circuit
VIN
Q3
SHUTDOWN
CURRENT
R2
400k
200k
Q2
1614 F13
Q1
START-UP
CURRENT
SHDN
Low-Battery Detector
The LT1614’s low-battery detector is a simple PNP input
gain stage with an open collector NPN output. The nega-
tive input of the gain stage is tied internally to a 200mV
reference. The positive input is the LBI pin. Arrangement
as a low-battery detector is straightforward. Figure 14
details hookup. R1 and R2 need only be low enough in
value so that the bias current of the LBI pin doesn’t cause
large errors. For R2, 100k is adequate. The 200mV refer-
ence can also be accessed as shown in Figure 15. The low-
battery detect is not operative when the device is shut
down.
Coupled Inductors
The applications shown in this data sheet use two un-
coupled inductors because the Murata units specified are
small and inexpensive. This topology can also be used
with a coupled inductor as shown in Figure 16. Be sure to
get the phasing right.
LBO
LBI
TO PROCESSOR
R1
1M
R2
100k
VIN
LT1614
1614 F14
3.3V
GND
200mV
INTERNAL
REFERENCE
–
+
R1 =
VLB – 200mV
2
µA
Figure 14. Setting Low-Battery Detector Trip Point
VIN
LT1614
LBI
LBO
200k
10
µF
GND
10k
1614 F15
2N3906
VREF
200mV
+
Figure 15. Accessing 200mV Reference
VIN
SW
LT1614
L1A
10
µH
VIN
5V
D1
NFB
SHDN
69.8k
24.9k
100k
1nF
VOUT
–5V
200mA
C1, C2: AVX TAJB336M010
C3: AVX 1206CY106
D1: MBR0520
L1: COILTRONICS CTX10-1
1614 F16
C1
33
µF
C2
33
µF
VC
GND
L1B
10
µH
C3
1
µF
••
+
Figure 16. 5V to – 5V Converter with Coupled Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com