Electronic Components Datasheet Search
  English  ▼

X  

LT1614CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1614CS8 Datasheet HTML 1Page - Linear Technology LT1614CS8 Datasheet HTML 2Page - Linear Technology LT1614CS8 Datasheet HTML 3Page - Linear Technology LT1614CS8 Datasheet HTML 4Page - Linear Technology LT1614CS8 Datasheet HTML 5Page - Linear Technology LT1614CS8 Datasheet HTML 6Page - Linear Technology LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology LT1614CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1614
TYPICAL PERFOR A CE CHARACTERISTICS
LBI Bias Current vs Temperature
Quiescent Current in Shutdown
Shutdown Pin Bias Current vs
Input Voltage
Switch VCESAT vs Current
Oscillator Frequency vs
Input Voltage
LBI Reference vs Temperature
TEMPERATURE (
°C)
–50
25
75
1614 G03
–25
0
50
16
14
12
10
8
6
4
2
0
100
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
100
200
300
400
1614 G04
500
600
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
1614 G05
75
210
208
206
204
202
200
198
196
194
192
190
100
INPUT VOLTAGE (V)
1
600
700
5
1614 G06
500
400
2
3
4
900
800
85
°C
–40
°C
25
°C
INPUT VOLTAGE (V)
012345
1614 G01
10
8
6
4
2
0
INPUT VOLTAGE (V)
012345
1614 G02
10
8
6
4
2
0
TEMPERATURE (
°C)
–50
0
50
–25
25
75
100
1614 G09
–1.245
–1.240
–1.235
–1.230
–1.225
–1.220
–1.215
–1.210
VNFB vs Temperature
NFB Pin Bias Current vs
Temperature
TEMPERATURE (
°C)
–50
0
50
–25
25
75
100
1614 G08
6
5
4
3
2
1
0
TEMPERATURE (
°C)
–40
–20
0
20406080
1614 G07
6
5
4
3
2
1
0
VIN = 1.25V
VIN = 3V
VIN = 5V
Quiescent Current vs
Temperature*
*Includes diode leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com