Electronic Components Datasheet Search
  English  ▼

X  

LT1637CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology LT1637CS8 Datasheet HTML 11Page - Linear Technology LT1637CS8 Datasheet HTML 12Page - Linear Technology LT1637CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1637
1637fd
Open-Loop Gain and Phase Shift
vs Frequency
Slew Rate vs Temperature
Gain-Bandwidth Product
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1k
10
20
30
40
50
10k
100k
1M
1637 G10
0
–10
–20
–30
60
70
0
20
40
60
80
100
120
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (
°C)
–50
1300
1200
1100
1000
900
800
700
25
75
1637 G11
–25
0
50
100
125
VS = ±15V
VS = ±1.5V
TEMPERATURE (
°C)
–50
25
1637 G12
– 25
0
50
75
100
125
0.7
0.6
0.5
0.4
0.3
0.2
0.1
FALLING, VS = ±1.5V
FALLING, VS = ±15V
RISING, VS = ±15V
RISING, VS = ±1.5V
Gain-Bandwidth Product and
Phase Margin vs Load Resistance
Undistorted Output Swing
vs Frequency
Output Impedance vs Frequency
Gain-Bandwidth Product and
Phase Margin vs Supply Voltage
CMRR vs Frequency
PSRR vs Frequency
TOTAL SUPPLY VOLTAGE (V)
0
10
20
25
45
1637 G13
515
30
35
40
1300
1250
1200
1150
1100
1050
1000
55
50
45
40
35
30
25
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (Hz)
1k
10k
100k
1M
1637 G14
VS = ±1.5V
100
90
80
70
60
50
40
30
20
10
0
VS = ±15V
FREQUENCY (Hz)
1k
10k
100k
1M
1637 G15
VS = ± 2.5V
90
80
70
60
50
40
30
20
10
0
–10
POSITIVE SUPPLY
NEGATIVE SUPPLY
LOAD RESISTANCE (
Ω)
1k
1400
1300
1200
1100
1000
900
800
700
600
10k
100k
1637 G16
50
45
40
35
30
25
20
15
10
PHASE MARGIN
GAIN BANDWIDTH
VS = ±2.5V
FREQUENCY (Hz)
100
0.1
10
10k
1k
100k
1M
10k
1637 G17
1
100
1k
VS = ±2.5V
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
100
20
25
30
35
1k
10k
100k
1637 G18
15
10
5
0
Vs = ±15V
Vs = ±2.5V
DISTORTION
≤ 1%
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com