Electronic Components Datasheet Search
  English  ▼

X  

LT1637CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 2Page - Linear Technology LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1637
1637fd
LT1637H/LT1637MP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
450
µV
●
3mV
Input Offset Voltage Drift (Note 9)
●
310
µV/°C
IOS
Input Offset Current
●
15
nA
VCM = 44V (Note 5)
●
10
µA
IB
Input Bias Current
●
150
nA
VCM = 44V (Note 5)
●
100
µA
Input Voltage Range
●
0.3
44
V
CMRR
Common Mode Rejection Ratio
VCM = 0.3V to (VCC – 1V)
●
72
dB
(Note 5)
VCM = 0.3V to 44V
●
74
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
150
400
V/mV
●
20
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
300
800
V/mV
●
35
V/mV
VOL
Output Voltage Swing LOW
No Load
●
15
mV
ISINK = 5mA
●
900
mV
VS = 5V, ISINK = 10mA
●
1500
mV
VOH
Output Voltage Swing HIGH
VS = 3V, No Load
●
2.90
V
VS = 3V, ISOURCE = 5mA
●
2.05
V
VS = 5V, No Load
●
4.90
V
VS = 5V, ISOURCE = 10mA
●
3.50
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
●
80
dB
Minimum Supply Voltage
●
2.7
V
Reverse Supply Voltage
IS = – 100µA
●
23
V
IS
Supply Current
(Note 6)
190
250
µA
●
400
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
15
µA
ISHDN
Shutdown Pin Current
VPIN5 = 0.3V, No Load (Note 6)
●
200
nA
VPIN5 = 2V, No Load (Note 5)
●
7
µA
Output Leakage Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
5
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, No Load (Note 5)
●
200
µA
GBW
Gain-Bandwidth Product
f = 10kHz (Note 5)
650
1000
kHz
●
350
kHz
SR
Slew Rate
AV = – 1, RL = ∞ (Note 7)
0.210
0.35
V/
µs
●
0.1
V/
µs
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 125°C for LT1637H and
–55
°C ≤ TA ≤ 125°C for LT1637MP. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com