Electronic Components Datasheet Search
  English  ▼

X  

LT1637CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology LT1637CS8 Datasheet HTML 11Page - Linear Technology LT1637CS8 Datasheet HTML 12Page - Linear Technology LT1637CS8 Datasheet HTML 13Page - Linear Technology LT1637CS8 Datasheet HTML 14Page - Linear Technology LT1637CS8 Datasheet HTML 15Page - Linear Technology LT1637CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1637
1637fd
SCHE ATIC
SI PLIFIED
7 V +
4 V –
6 OUT
8
1
NULL
NULL
1637 SS
3
5
+IN
–IN
Q25
Q24
Q26
Q18
Q17
R6
7k
R8
400
Ω
R5
7k
R3
1.3k
R4
1.3k
SHDN
R7
400
Ω
Q16
Q15
Q10
Q11
Q9
Q8
Q14
Q2
D5
Q13
Q1
10
µA
Q20
Q23
D3
Q7
D1
D2
D4
Q6
Q4
Q5
2
R2
6k
R1
1M
Q3
Q19
Q21
Q22
Q12
APPLICATIO S I FOR ATIO
Gain
The open-loop gain is less sensitive to load resistance
when the output is sourcing current. This optimizes per-
formance in single supply applications where the load is
returned to ground. The typical performance photo of
Open-Loop Gain for various loads shows the details.
Shutdown
The LT1637 can be shut down two ways: using the
shutdown pin or bringing V+ to within 0.5V of V–. When V+
is brought to within 0.5V of V– both the supply current and
output leakage current drop to less than 10nA. When the
shutdown pin is brought 1.2V above V –, the supply
current drops to about 3
µA and the output leakage current
is less than 1
µA,independentofV+.Ineithercasetheinput
bias current is less than 0.1nA (even if the inputs are 44V
above the negative supply).
Figure 1. Input Offset Nulling
LT1637
10k
1637 F01
V –
1
8
The shutdown pin can be taken up to 32V above V –. The
shutdown pin can be driven below V –, however the pin
current through the substrate diode should be limited with
an external resistor to less than 10mA.
Input Offset Nulling
The input offset voltage can be nulled by placing a 10k
potentiometer between Pins 1 and 8 with its wiper to V–
(see Figure 1). The null range will be at least
±3mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com