Electronic Components Datasheet Search
  English  ▼

X  

SWT805-S Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 3Page - Seoul Semiconductor SWT805-S Datasheet HTML 4Page - Seoul Semiconductor SWT805-S Datasheet HTML 5Page - Seoul Semiconductor SWT805-S Datasheet HTML 6Page - Seoul Semiconductor SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
5. Reliability Test
0/22
3 Time
1KV at 1.5kΩ; 100pF
MIL-STD-
883D
ESD(HBM)
0/22
1,000 Hours
T
a =-40
oC, I
F =20mA
Internal
Reference
Low Temperature
Life Test
0/22
1,000 Hours
T
a =60
oC, I
F =20mA
Internal
Reference
High Temperature
Life Test
0/22
1,000 Hours
T
a =60
oC, RH=90%, I
F =20mA
Internal
Reference
High Temperature /
Humidity Life
0/22
1,000 Hours
T
a =25
oC, I
F =20mA
Internal
Reference
Operating
Endurance Test
0/22
1,000 Hours
T
a =-40
oC
EIAJ ED-4701
Low Temperature
Storage
0/22
1,000 Hours
T
a =85
oC, RH=85%
EIAJ ED-4701
High Temperature
High Humidity
Storage
0/22
1,000 Hours
T
a =100
oC
EIAJ ED-4701
High Temperature
Storage
0/22
100 Cycle
T
a =-40
oC (30MIN) ~ 25oC (5MIN)
~ 100oC (30MIN) ~ 25oC (5MIN)
EIAJ ED-4701
Temperature Cycle
0/22
100 Cycle
T
a =-40
oC (30MIN) ~ 100oC (30MIN)
Internal
Reference
Thermal Shock
Number of
Damage
Duration
/ Cycle
Test Condition
Reference
Item
* Criteria for Judging the Damage
-
LSL*2 × 0.7
I
F =20mA
I
V
Luminous Intensity
100
µA
-
V
R=5V
I
R
Reverse Current
USL*1 × 1.1
-
I
F =20mA
V
F
Forward Voltage
MAX
MIN
Criteria for Judgement
Condition
Symbol
Item
Note : *1 USL : Upper Standard Level
*2 LSL : Lower Standard Level
*ESD guarantee condition
CONTACT
I
R =100 ㎂ and below
1,000 V
HBM
Test Form
Criteria for Judgement
Test Condition
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com