Electronic Components Datasheet Search
  English  ▼

X  

SWT805-S Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 5Page - Seoul Semiconductor SWT805-S Datasheet HTML 6Page - Seoul Semiconductor SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor SWT805-S Datasheet HTML 12Page - Seoul Semiconductor SWT805-S Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
*CIE RANK
<IF=20mA, Ta=25℃>
0.2900
0.3040
0.2955
0.3015
0.3010
0.2990
0.2845
0.3065
0.2900
0.3040
0.2955
0.3015
0.2775
0.3025
0.2830
0.3000
0.2885
0.2975
0.2830
0.3000
0.2885
0.2975
0.2940
0.2950
y
x
y
x
y
x
H4
H3
H2
0.2830
0.3000
0.2885
0.2975
0.2940
0.2950
0.2775
0.3025
0.2830
0.3000
0.2885
0.2975
0.2705
0.2985
0.2760
0.2960
0.2815
0.2935
0.2760
0.2960
0.2815
0.2935
0.2870
0.2910
y
x
y
x
y
x
G4
G3
G2
0.2760
0.2960
0.2815
0.2935
0.2870
0.2910
0.2705
0.2985
0.2760
0.2960
0.2815
0.2935
0.2638
0.2948
0.2690
0.2920
0.2743
0.2893
0.2690
0.2920
0.2743
0.2893
0.2795
0.2865
y
x
y
x
y
x
F4
F3
F2
0.2690
0.2920
0.2743
0.2893
0.2795
0.2865
0.2638
0.2948
0.2690
0.2920
0.2743
0.2893
0.2570
0.2910
0.2620
0.2880
0.2670
0.2850
0.2620
0.2880
0.2670
0.2850
0.2720
0.2820
y
x
y
x
y
x
E4
E3
E2
*Measurement Uncertainty of the Color Coordinates : ± 0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com