Electronic Components Datasheet Search
  English  ▼

X  

SWT805-S Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 4Page - Seoul Semiconductor SWT805-S Datasheet HTML 5Page - Seoul Semiconductor SWT805-S Datasheet HTML 6Page - Seoul Semiconductor SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor SWT805-S Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
6. Color Coordinate & Bin Code Description
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
460
470
475
480
485
490
495
500
505
510
515
520
525
530
535
540
545
550
555
560
565
570
575
580
585
590
595
600
610
620
630
830
C I E (x)
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
L5
G4
M5
M4
M3
M2
M1
L4
L3
L2
L1
K5
K4
K3
K2
K1
J5
J4
J3
J2
J1
I5
I4
I3
I2
I1
I0
H5
H4
H3
H2
H1
G5
G3
G2
G1
F5
F4
F3
F2
F1
E5
E4
E3
E2
E1
D5
D4
D3
D2
D1
K0
L0
M0
CCT
D0
E0
F0
G0
H0
J0
6700K
6500K
6300K
7000K
7500K
8000K
8400K
8900K
9900K
10800K
13000K
15000K
20000 K
30000 K
B5
B4
B3
B2
B1
C5
C4
C3
C2
C1
A1
A2
A3
A4
A5
C0
B0
A0
x coords.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com