Electronic Components Datasheet Search
  English  ▼

X  

SWT805-S Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor SWT805-S Datasheet HTML 12Page - Seoul Semiconductor SWT805-S Datasheet HTML 13Page - Seoul Semiconductor SWT805-S Datasheet HTML 14Page - Seoul Semiconductor SWT805-S Datasheet HTML 15Page - Seoul Semiconductor SWT805-S Datasheet HTML 16Page - Seoul Semiconductor SWT805-S Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
10. soldering
10 sec. Max.
Soldering time
Condition
240℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
120~150℃
Pre-heat
Lead Solder
10 sec. Max.
Soldering time
Condition
260℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
150~200℃
Pre-heat
Lead Free Solder
260 C Max.
10 sec. Max.
o
60sec. Max.
Above 220 C
120sec. Max.
Pre-heating
150~200 C
1~5 C / sec.
o
o
o
o
1~5 C / sec.
Lead Solder
2.5~5 C / sec.
o
o
o
Pre-heating
120~150 C
120sec. Max.
60sec. Max.
Above 200 C
o
240 C Max.
10 sec. Max.
2.5~5 C / sec.
(1) Lead Solder
(2) Lead-Free Solder
Lead-frame Solder
(3) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated
part.
So when using the chip mounter, the picking up nozzle that does not affect
the silicone resign should be used.
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com