Electronic Components Datasheet Search
  English  ▼

X  

HV302 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc HV302 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rev. D
04/17/02
HV302 / HV312
Design Information- continued
The inrush current limit can be calculated as follows:
SENSE
SENSE
CL
-
SENSE
CL
R
50mV
R
V
I
=
=
Thus the inrush current limit for a 2A circuit breaker:
1A
50mΩ
50mV
I
CL
=
=
Compensation components from gate to source of the external
MOSFET may be required to reduce peaking of the inrush current.
Compensation can be accomplished as follows:
1.
Start with a 2nF capacitor from gate to source.
2.
Increase capacitor value up to 10nF if needed.
3.
If needed, add a 1k
Ω resistor in series with the above
capacitor.
Servo Mode Timing
The timing functions are defined by the following equations:
RAMP
RAMP
START
I
C
4
.
2
t
=
RAMP
RAMP
)
th
(
GS
TH
I
C
V
t
=
TH
START
POR
t
t
t
+
=


−
≈
FB
SENSE
LIMIT
RAMP
fs
RAMP
RISE
R
R
I
9
.
0
I
g
C
t
LIMIT
LOAD
IN
LIMIT
I
C
V
t
≈
()
RAMP
RAMP
)
LIMIT
(
GS
INT
A
PWRGD
I
C
2
.
1
V
V
t
−
−
=
−
These equations assume that the load is purely capacitive and the
following definitions apply.
CRAMP is the external capacitor connected to the RAMP pin.
IRAMP is the output current from the RAMP pin, nominally
10
µA, when the voltage drop on RSENSE resistor is zero.
VINT is the internally regulated supply voltage and can range
from 9V to 11V.
VGS(th) is the gate threshold voltage of the external pass
transistor and may be obtained from its datasheet.
VGS(limit) is the external pass transistor gate-source voltage
required to obtain the limit current. It is dependent on the
pass transistor’s characteristics and may be obtained from
the transfer characteristics on the transistor datasheet.
gfs is the transconductance of the external pass transistor and
may be obtained from its datasheet.
RFB is the internal feedback resistor and is nominally 5K
Ω.
ILIMIT is the load current when the voltage drop on RSENSE
resistor is 50mV.
These equations may be used to calculate the minimum value of
CRAMP for the most critical system performance characteristics.
For maximum contact bounce duration protection choose a value
for tPOR and use the following equation:
)
it
(lim
GS
RAMP
POR
RAMP
V
4
.
2
I
t
C
+
×
=
If control of PWRGD active delay is the critical system parameter,
then choose a value for tPWRGD-A and use the following equation:
2
.
1
V
V
I
t
C
)
it
(lim
GS
INT
RAMP
A
PWRGD
RAMP
−
−
×
=
−
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com