Electronic Components Datasheet Search
  English  ▼

X  

HV302 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 1 Page - Supertex, Inc

  HV302 Datasheet HTML 1Page - Supertex, Inc HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev. D
04/17/02
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com
HV302
HV312
__________________________________________________________________________________________________________________
Initial Release
Sequencing Hotswap Controllers
(Negative Supply Rail)
Features
-10V to 90V or +10V to +90V Operation
Four PWRGD Flags with Programmable Delays
Integrated “normally-on” Gate Clamp eliminates components
UV/OV Lock Out & Power-On-Reset (POR) for Debouncing
Sense resistor programmed Circuit Breaker & Servo Limit
Programmable Circuit Breaker Delay
Inrush control using either: Servo or Feedback Capacitor
Feedback to RAMP pin saves gate protection components
100ms Start Up Timeout Protection for Output Overload
Programmable Inrush Current di/dt Control
Programmable Auto-Retry (tens of seconds if desired)
Auto-Retry or Latched Operation
Application solution for input voltage step (diode “ORing”)
Enable through Open Drain interface to UV or OV
Low Power, 0.6mA Active Mode, 0.4mA Sleep Mode
Small SOIC-14 Package
Applications
-48V Telecom and Networking
-24V Cellular and Fixed Wireless Systems
-24V PBX Systems
Power Over LAN (IEEE802.3)
Distributed Power Systems
Power Supply Control
+48V Servers and SANs
Hotswap Control of Diode ORed Multiple Power Sources
Cooling Fan Systems
General Description
The HV302 and HV312 Hotswap Controllers perform current
limiting, circuit breaker protection, over and under voltage
detection power management functions during insertion of cards or
modules into live backplanes and connectors. They may be used
in systems where active control is implemented in the negative
lead of supplies ranging from -10V to -90V or +10V to +90V.
During initial power application the external pass device is held off
by a “normally-on” circuit that clamps its gate low. Thereafter
UV/OV and power-on-reset work together to suppress gate turn on
due to contact bounce.
When stable connection has been
established for the duration of a programmed time delay, the
inrush current is controlled and limited to a programmed level
using one of two possible methods; servo mode or drain to ramp
feedback capacitor mode. When charging of the load capacitor
is completed, the open drain PWRGD-A flag is asserted. Open
drain PWRGD-B, PWRGD-C and PWRGD-D flags are asserted
sequentially after the expiration of their respective programmed
time delays. Thereafter it transitions to a low power sleep mode
and continues to monitor current and input voltage. If full charging
of the load capacitor is not achieved within 100ms or the circuit
breaker is tripped at any time, the external pass device is turned
off and all four PWRGD flags are reset to the inactive state.
Thereafter a programmable auto-retry timer will hold the pass
device off to allow it to cool before resetting and initiating auto-
retry. The auto-retry can be disabled using a single resistor if
desired.
Typical Application Circuit and Waveforms
VDD
UV
OV
VEE
SENSE
GATE
RAMP
GND
-48V
IRF530
R4
R1
R2
R3
C1
Q1
HV302 / HV312
11
6
5
8
10
9
7
C2
1
Cload
+3.3V
DC/DC PWM
CONVERTER
COM
12
13
14
TB
TC
TD
2
3
4
+5V
DC/DC PWM
CONVERTER
COM
+12V
DC/DC PWM
CONVERTER
COM
-12V
DC/DC PWM
CONVERTER
COM
RTB
RTC
RTD
487k
6.81k
9.76k
0.0125
10nF
EN / EN
100uF
0.75nF
___
___
EN / EN
___
EN / EN
EN / EN
___
NOTES: 1. Under Voltage Shutdown (UV) set to 35V.
2. Over Voltage Shutdown (OV) set to 65V.
3. Current Limit set to -1A.
4. Circuit Breaker set to 8A.
PWRGD-A / PWRGD-A
________
PWRGD-B / PWRGD-B
________
PWRGD-C /PWRGD-C
________
PWRGD-D / PWRGD-D
________


Similar Part No. - HV302

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
Hotswap Controller
More results

Similar Description - HV302

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
Hotswap, Inrush Current Limiter Controllers
HV301 SUTEX-HV301 Datasheet
664Kb / 21P
Hotswap, Controllers with Circuit Breaker
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Supertex, Inc
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com