Electronic Components Datasheet Search
  English  ▼

X  

HV302 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc HV302 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Rev. D
04/17/02
HV302 / HV312
Design Information- continued
Programming Current Limit and Circuit Breaker
Feedback Capacitor Mode Operation
In this operating mode the circuit breaker trip current and the
inrush current limit can be independently programmed. In fact the
circuit breaker can be completely disabled by setting RSENSE = 0
Ω.
The circuit breaker will trip in less than 5
µs when the voltage on
the SENSE pin is raised 100mV above the VEE pin and the value of
the sense resistor may be calculated from the following equation:
CB
CB
CB
-
SENSE
SENSE
I
100mV
I
V
R
=
=
For an 8A circuit breaker:
12.5mΩ
8A
100mV
R
SENSE
=
=
The power rating of the sense resistor must be greater than or
equal to ICB x VSENSE-CB.
The following diagrams depict the equivalent circuitry to clarify the
feedback capacitor operation for programming the inrush current
limit.
The inrush current limit may be programmed as follows:
Choose inrush current limit, for example ICL = 1A
Calculate
A
5
.
2
k
5
m
5
.
12
A
1
k
5
R
I
SENSE
CL
SINK
µ
=
Ω
Ω
×
=
Ω
×
=
I
If the Circuit Breaker function is disabled by setting RSENSE = 0
Ω,
then ISINK = 0A. However, in this example we assume that the
Circuit Breaker function is enabled and therefore use ISINK = 2.5
µA.
Calculate C2 (feedback capacitor) discharge current
A
5
.
7
A
5
.
2
A
10
I
A
10
I
SINK
2
C
µ
=
µ
−
µ
=
−
µ
=
If Auto-Retry is disabled an adjustment must be made to IC2
A
6
.
1
M
5
.
2
V
4
R
V
I
DISABLE
t
AUTO
µ
=
Ω
=
=
Where Vt is the maximum threshold voltage of the MOSFET.
Therefore, the adjusted value of IC2 is:
AUTO
SINK
2
C
I
I
A
10
I
−
−
µ
=
A
9
.
5
A
6
.
1
A
5
.
2
A
10
I
2
C
µ
=
µ
−
µ
−
µ
=
In this example we assume that Auto-Retry is enabled and
therefore use IC2 = 7.5
µA.
Note that
dt
dv
2
C
2
C
×
=
I
and
dt
dv
C
LOAD
CL
×
=
I
Since VIN is fixed and VRAMP is constant during limiting, then
dt
dv
across CLOAD =
dt
dv
across C2 as they share a common node
and their other terminals are at fixed voltages during inrush current
limiting. Therefore,
LOAD
CL
2
C
C
I
2
C
I
=
or
CL
LOAD
2
C
I
C
I
2
×
=
C
.
As previously calculated and by conservation of charge on RAMP
node IC2=7.5
µA based on the chosen inrush current limit of ICL=1A.
Given that CLOAD=100
µF the required value for C2 can be
calculated.
Therefore
nF
75
.
0
A
1
F
100
A
5
.
7
I
C
I
2
CL
LOAD
2
C
=
µ
×
µ
=
×
=
C
Note that during initial power application the RAMP pin is voltage
protected by the capacitive AC voltage divider consisting of CLOAD,
C2 and CRAMP and the GATE pin is internally clamped.
Servo Control Mode Operation
The circuit breaker will trip in less than 5
µs when the voltage on
the SENSE pin is raised 100mV above the VEE pin and the value of
the sense resistor may be calculated from the following equation:
CB
CB
CB
-
SENSE
SENSE
I
100mV
I
V
R
=
=
For a 2A circuit breaker:
50mΩ
2A
100mV
R
SENSE
=
=
The power rating of the sense resistor must be greater than or
equal to ICB x VSENSE-CB.
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com