Electronic Components Datasheet Search
  English  ▼

X  

HV302 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV302
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302 Datasheet(HTML) 3 Page - Supertex, Inc

  HV302 Datasheet HTML 1Page - Supertex, Inc HV302 Datasheet HTML 2Page - Supertex, Inc HV302 Datasheet HTML 3Page - Supertex, Inc HV302 Datasheet HTML 4Page - Supertex, Inc HV302 Datasheet HTML 5Page - Supertex, Inc HV302 Datasheet HTML 6Page - Supertex, Inc HV302 Datasheet HTML 7Page - Supertex, Inc HV302 Datasheet HTML 8Page - Supertex, Inc HV302 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Rev. D
04/17/02
Power Good Outputs (Referenced to VEE pin)
VPWRGD-x(hi)
Power Good Pin Breakdown Voltage
90
V
PWRGD-x = HI Z
VPWRGD-x(lo)
Power Good Pin Output Low Voltage
0.5
0.8
V
IPWRGD = 1mA, PWRGD-x = LOW
IPWRGD-x(lk)
Maximum Leakage Current
<1.0
10
µA
VPWRGD = 90V, PWRGD-x = HI Z
Dynamic Characteristics
tGATEHLOV
OV Comparator Transition
500
ns
tGATEHLUV
UV Comparator Transition
500
ns
Note 1:
This timing depends on the threshold voltage of the external N-Channel MOSFET. The higher its threshold is, the longer this timing.
Note 2:
This voltage depends on the characteristics of the external N-Channel MOSFET. Vto = 3V for an IRF530.
*IRF530 is a registered trademark of International Rectifier.
Pinout
4
5
6
7
8
9
10
11
1
2
3
12
13
14
PWRGD-D (HV312)
________
PWRGD-D (HV302)
PWRGD-C (HV312)
________
PWRGD-C (HV302)
PWRGD-B (HV312)
________
PWRGD-B (HV302)
PWRGD-A (HV312)
________
PWRGD-A (HV302)
OV
UV
VEE
VDD
TD
TC
TB
RAMP
GATE
SENSE
PWRGD Logic
Model
Condition
PWRGD-A/B/C/D
INACTIVE (Not Ready)
0
VEE
HV302
ACTIVE (Ready)
1
HI Z
INACTIVE (Not Ready)
1
HI Z
HV312
ACTIVE (Ready)
0
VEE
Pin Description
PWRGD-D – This Power Good Output Pin is held inactive on initial
power application and goes active a programmed time delay after
PWRGD-C goes active.
PWRGD-C – This Power Good Output Pin is held inactive on initial
power application and goes active a programmed time delay after
PWRGD-B goes active.
PWRGD-B – This Power Good Output Pin is held inactive on initial
power application and goes active a programmed time delay after
PWRGD-A goes active.
PWRGD-A – This Power Good Output Pin is held inactive on initial
power application and goes active when the external MOSFET is
fully turned on.
OV – This Over Voltage (OV) sense pin, when raised above its
high threshold will immediately cause the GATE pin to be pulled
low. The GATE pin will remain low until the voltage on this pin falls
below the low threshold limit, initiating a new start-up cycle.
UV – This Under Voltage (UV) sense pin, when below its low
threshold limit will immediately cause the GATE pin to be pulled
low. The GATE pin will remain low until the voltage on this pin
rises above the high threshold limit, initiating a new start-up cycle.
VEE – This pin is the negative terminal of the power supply input to
the circuit.
VDD – This pin is the positive terminal of the power supply input to
the circuit.
TD – The resistor connected from this pin to VEE pin sets the time
delay from PWRGD-C going active to PWRGD-D going active.
TC – The resistor connected from this pin to VEE pin sets the time
delay from PWRGD-B going active to PWRGD-C going active.
TB – The resistor connected from this pin to VEE pin sets the time
delay from PWRGD-A going active to PWRGD-B going active.
RAMP – This pin provides a current output so that a timing ramp
voltage is generated when a capacitor is connected.
GATE – This is the Gate Driver Output for the external N-Channel
MOSFET.
SENSE – The current sense resistor connected from this pin to VEE
Pin programs the servo control current limit and the circuit breaker
trip limit.
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com