Electronic Components Datasheet Search
  English  ▼

X  

STC4130 Datasheet(PDF) 21 Page - Connor-Winfield Corporation

Part # STC4130
Description  Synchronous Clock for SETS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC4130 Datasheet(HTML) 21 Page - Connor-Winfield Corporation

Back Button STC4130 Datasheet HTML 17Page - Connor-Winfield Corporation STC4130 Datasheet HTML 18Page - Connor-Winfield Corporation STC4130 Datasheet HTML 19Page - Connor-Winfield Corporation STC4130 Datasheet HTML 20Page - Connor-Winfield Corporation STC4130 Datasheet HTML 21Page - Connor-Winfield Corporation STC4130 Datasheet HTML 22Page - Connor-Winfield Corporation STC4130 Datasheet HTML 23Page - Connor-Winfield Corporation STC4130 Datasheet HTML 24Page - Connor-Winfield Corporation STC4130 Datasheet HTML 25Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet #: TM084
Page 21 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
Intel Bus
In Intel mode, the device will interface to 80x86 type processors. The BUS_CS, BUS_WRB, BUS_RDB,
BUS_A(6-0), BUS_AD(7-0), and BUS_RDY pins are used, corresponding to CS, WRB, RDB, A, AD, and RDY,
respectively. Timing is as follows:
Figure 13: Intel Bus Read Timing
Table 8: Intel Bus Read Timing
tRDYd2
RDY high-z delay after CS high
7
nS
Symbol
Description
Min
Max
Unit
tRDBs
Read setup time
0
nS
tRDB
Read low time
40
nS
tRDBh
Read hold time
0
nS
tRDB1
Time between consecutive reads
50
nS
tAs
Address setup
10
nS
tAh
Address hold
0
nS
tDd1
Data valid delay from RDB high
50
nS
tDd2
Data high-z delay from RDB high
10
nS
tRDYd1
CS low to RDY high delay
13
nS
Symbol
Description
Min
Max
Unit
CS
tRDBs
tDd1
WRB
A
AD
RDY
tRDB
tAs
tAh
Address
Data
tDd2
tRDYd2
tRDYd3
tRDYh
tRDY
RDB
tRDB1
tRDBh
tRDYd1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com