Electronic Components Datasheet Search
  English  ▼

X  

STC4130 Datasheet(PDF) 39 Page - Connor-Winfield Corporation

Part # STC4130
Description  Synchronous Clock for SETS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC4130 Datasheet(HTML) 39 Page - Connor-Winfield Corporation

Back Button STC4130 Datasheet HTML 35Page - Connor-Winfield Corporation STC4130 Datasheet HTML 36Page - Connor-Winfield Corporation STC4130 Datasheet HTML 37Page - Connor-Winfield Corporation STC4130 Datasheet HTML 38Page - Connor-Winfield Corporation STC4130 Datasheet HTML 39Page - Connor-Winfield Corporation STC4130 Datasheet HTML 40Page - Connor-Winfield Corporation STC4130 Datasheet HTML 41Page - Connor-Winfield Corporation STC4130 Datasheet HTML 42Page - Connor-Winfield Corporation STC4130 Datasheet HTML 43Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet #: TM084
Page 39 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
Default value: 2.
CLK6_Sel, 0x5c (R/W)
Selects or disables the CLK6 output. Default = 0110, 2.048MHz:
Default value: 1.
CLK7_Sel, 0x5d (R/W)
Selects or disables the CLK7 output.
Default value: 2.
Intr_Event, 0x5e (R/W)
1DS3
2E3
3
Disabled
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5c
Not used
CLK6 Select
0x5c, bits 3 ~ 0
CLK6 output
0
Disabled
1
2.048MHz
2
4.096MHz
3
8.192MHz
4
16.384MHz
5
32.768MHz
9
1.544MHz
10
3.088MHz
11
6.176MHz
12
12.352Hz
13
24.704MHz
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5d
Not used
CLK7 Select
0x5d, bits 1 ~ 0
CLK7 output
0
Disabled
1T1
2E1
3
Disabled
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5e
Event 7:
T4 cross
reference
changed
from non-
active to
active
Event 6:
T4 cross
reference
changed
from active
to non-
active
Event 5:
T4 DPLL
status
changed
Event 4:
T4 active
reference
changed in
auto selec-
tion mode
Event 3:
T0 cross
reference
changed
from non-
active to
active
Event 2:
T0 cross
reference
changed
from active
to non-
active
Event 1:
T0 DPLL
status
changed
Event 0:
T0 active
reference
changed in
auto selec-
tion mode
0x5b, bits 1 ~ 0
CLK5 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com