Electronic Components Datasheet Search
  English  ▼

X  

K7022.5C Datasheet(PDF) 49 Page - Altech corporation

Part # K7022.5C
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7022.5C Datasheet(HTML) 49 Page - Altech corporation

Back Button K7022.5C Datasheet HTML 45Page - Altech corporation K7022.5C Datasheet HTML 46Page - Altech corporation K7022.5C Datasheet HTML 47Page - Altech corporation K7022.5C Datasheet HTML 48Page - Altech corporation K7022.5C Datasheet HTML 49Page - Altech corporation K7022.5C Datasheet HTML 50Page - Altech corporation K7022.5C Datasheet HTML 51Page - Altech corporation K7022.5C Datasheet HTML 52Page - Altech corporation K7022.5C Datasheet HTML 53Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
118
129
107
DIN Rail
200
194
130
2
4
5
3
Part Number
Type
Description
PCB Connection
90.560
KO4722SP
Solid Cover
Card Edge/
Wire Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
CA701/15-S
TS35x15/1M
*Panel Mount Tab (need 3)
93.001.2
PMA
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Black Housing with Tan Cover
Terminal Type:
Screw/ Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(11) Vertical
(1) Base Mount
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
42 Terminal
Pluggable and
Solder Connection
1.5 thick
1.5
4
184.6
17.2
172
2
1.5 thick
1.5
191.5
4
1.5 thick
181.5
164
2.5
Ø
2.
5
Ø5
Ø5
5
1.5 thick
191.5
1.5
3
PCB DRAWING (To convert to inches divide by 25.4.)
unused space
a
b
with base mount PCB
without base mount PCB
KO4700 Enclosure Series
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com