Electronic Components Datasheet Search
  English  ▼

X  

K7022.5C Datasheet(PDF) 13 Page - Altech corporation

Part # K7022.5C
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7022.5C Datasheet(HTML) 13 Page - Altech corporation

Back Button K7022.5C Datasheet HTML 9Page - Altech corporation K7022.5C Datasheet HTML 10Page - Altech corporation K7022.5C Datasheet HTML 11Page - Altech corporation K7022.5C Datasheet HTML 12Page - Altech corporation K7022.5C Datasheet HTML 13Page - Altech corporation K7022.5C Datasheet HTML 14Page - Altech corporation K7022.5C Datasheet HTML 15Page - Altech corporation K7022.5C Datasheet HTML 16Page - Altech corporation K7022.5C Datasheet HTML 17Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
16
20
25
60
68
DIN Rail
21
1
4
6
Part Number
Type
Description
PCB Connection
91.060
KO4076
Standard Length Pins
Solder Pins
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(1) Vertical, Perpendicular
(2) Vertical, Parallel
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
12 Terminal
Ø1.3
18
15
Ø1.3
18
15
10.8
1 thick
1.5
30.5
1
3.5
1
4x45°
52.5
28
31.5
14
6
PCB DRAWING (To convert to inches divide by 25.4.)
68
25
20
DIN Rail
1
3
6
28
60
Part Number
Type
Description
PCB Connection
91.070
KO4078
Standard Length Pins
Solder Pins
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(2) Vertical, Perpendicular
(2) Vertical, Parallel
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
12 Terminal
1 thick
1.5
30.5
1
3.5
1
4x45°
28
52.5
31.5
Ø1.3
26
20
5.4
16.2
Ø1.3
26
20
16.2
5.4
13
6
PCB DRAWING (To convert to inches divide by 25.4.)
KO4070 Enclosure Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com