Electronic Components Datasheet Search
  English  ▼

X  

K7022.5C Datasheet(PDF) 9 Page - Altech corporation

Part # K7022.5C
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7022.5C Datasheet(HTML) 9 Page - Altech corporation

Back Button K7022.5C Datasheet HTML 5Page - Altech corporation K7022.5C Datasheet HTML 6Page - Altech corporation K7022.5C Datasheet HTML 7Page - Altech corporation K7022.5C Datasheet HTML 8Page - Altech corporation K7022.5C Datasheet HTML 9Page - Altech corporation K7022.5C Datasheet HTML 10Page - Altech corporation K7022.5C Datasheet HTML 11Page - Altech corporation K7022.5C Datasheet HTML 12Page - Altech corporation K7022.5C Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
12
Economical, compact KO4070 enclosures are supplied as easy to
assemble kits. They are ideal for housing I/O circuits, relays, timers
and other small devices. Each kit consists of two identical housing
half shells and 4 to 16 machine solderable terminals with standard
or extended length pins.
MATERIALS
Housing Shell: Polycarbonate, 10% Glass Filled
Terminal: Tinned Bronze
Terminal Screw: Chromated Steel
Temperature Rating:
125°C (257°F) UL94 VO
Standard Color: Light Gray
PROTECTION
KO4070 enclosures have an IP20 rating (finger protected) and
meet VBG4 and other European accident prevention requirements.
CONSTRUCTION
The KO4070 enclosures consist of two housing shells that snap
together, and sectional, snap-together terminals. The maximum
preassembled number of terminals are part of the enclosure kit.
Potting is not recommended. Enclosures with removable center
cover sections are available upon request.
BOARD PLACEMENT
Each enclosure can accept two boards, each up to 1.5mm (.0625
in.) thick, inserted vertically (parallel to the DIN rail) facing the
terminals. These boards can be machine soldered to the terminals.
Enclosure types KO4074 through KO4079, accept larger boards
that can be screwed to the sidewalls of the housing shells
(vertically, perpendicular to the DIN rail) using molded-in standoffs
and 2 screws. Boards mounted on the sides can be 1mm (.04 in.)
thick and require a wire jumper connection.
TERMINALS
Box clamp design terminal blocks are used with the KO4070
series enclosures. Wire(s) to be terminated are squeezed between
the bottom of the clamp and the busbar for reliable, gastight
connections. The terminal blocks can be machine soldered to the
board in the same step as the other components to save time and
labor. Enclosures with extended length pins are available to
increase enclosure cavity for large components.
All terminals have funnel shaped wire openings to eliminate wire
fraying. The terminal screws can be turned with a flat tip or a #1
or #2 Philips screwdriver.
MOUNTING
The KO4070 series have integral mounting feet that snap onto
standard 35mm DIN rail. They cannot be panel mounted.
MARKING
Silk screen or attach label to the face of the enclosure.
Right Housing
Shell
Terminal
Assembly
PC Board
Terminal
Assembly
PC Board
Left Housing
Shell
KO4070
Enclosure
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com