Electronic Components Datasheet Search
  English  ▼

X  

K7022.5C Datasheet(PDF) 39 Page - Altech corporation

Part # K7022.5C
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7022.5C Datasheet(HTML) 39 Page - Altech corporation

Back Button K7022.5C Datasheet HTML 35Page - Altech corporation K7022.5C Datasheet HTML 36Page - Altech corporation K7022.5C Datasheet HTML 37Page - Altech corporation K7022.5C Datasheet HTML 38Page - Altech corporation K7022.5C Datasheet HTML 39Page - Altech corporation K7022.5C Datasheet HTML 40Page - Altech corporation K7022.5C Datasheet HTML 41Page - Altech corporation K7022.5C Datasheet HTML 42Page - Altech corporation K7022.5C Datasheet HTML 43Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
17
Din Rail
3.8
4.8
20
22.5
3
2
121
118
17
Din Rail
3.8
4.8
20
22.5
1
121
118
Part Number
Type
Description
PCB Connection
90.201
KO4712
Solid Cover
Machine
Solderable Pins
90.201.1
KO4712
Removable Cover
Machine
Panel, Tan
Solderable Pins
90.201.2
KO4712
Removable Cover
Machine
Panel, Clear
Solderable Pins
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab
93.001.2
PMA
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 Clear Panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
(1) Behind cover
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Solder
Connection
1.5 thick
unused space
Ø1
67
35
55.6
2
1.5 thick
unused space
65.4
34.8
3
PCB DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.202
KO4712B
Solid Cover
Wire
Jumper
90.202.1
KO4712B
Removable Cover
Wire
Panel, Tan
Jumper
90.202.2
KO4712B
Removable Cover
Wire
Panel, Clear
Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab
93.001.2
PMA
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O (V-2 Clear Panel)
Color:
Black Housing with Tan Cover
Terminal Type:
Box Clamp
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Solder/Tab
Connection
unused space
1.5 thick
65.4
34.8
1
PCB DRAWING (To convert to inches divide by 25.4.)
unused space
unused space
KO4700 Enclosure Series
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com