Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1790 Datasheet HTML 9Page - Linear Technology LT1790 Datasheet HTML 10Page - Linear Technology LT1790 Datasheet HTML 11Page - Linear Technology LT1790 Datasheet HTML 12Page - Linear Technology LT1790 Datasheet HTML 13Page - Linear Technology LT1790 Datasheet HTML 14Page - Linear Technology LT1790 Datasheet HTML 15Page - Linear Technology LT1790 Datasheet HTML 16Page - Linear Technology LT1790 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1790
1790fa
Each of the voltage options have similar performance curves. For the 3V, 3.3V and the 4.096V options,
the curves can be estimated based on the 2.5V and 5V curves.
2.048V TYPICAL PERFOR A CE CHARACTERISTICS
– 2.048V Characteristics
Long-Term Drift
Output Noise 0.1Hz to 10Hz
Output Voltage Noise Spectrum
OUTPUT TO GROUND VOLTAGE (V)
0
0.10
0.20
0.30
0.05
0.15
0.25
–3.5 –3 –2.5 –2
–1.5
–1
–0.5
17092.048 G10
0
–4
–VEE
VOUT
3V
RL
5k
4
2
1
6
1
µF
LT1790-2.048
R1 10k
TA = 125°C
TA = 25°C
TA = –55°C
FREQUENCY (Hz)
10
4
5
6
7
8
100
1k
10k
17902.048 G13
3
2
1
0
9
10
CL = 1µF
IO = 100µA
IO = 0µA
IO = 250µA
IO = 1mA
TIME (SEC)
0
8
17902.048 G12
246
10
7
135
9
HOURS
0
60
100
800
17901.048 G11
20
–20
40
80
0
–40
–60
–80
–100
200
400
600
1000
TA = 30°C
2 TYPICAL PARTS SOLDERED TO PCB
Integrated Noise 10Hz to 1kHz
FREQUENCY (Hz)
10
1
10
100
100
1000
LT1790 G02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com