Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1790 Datasheet HTML 15Page - Linear Technology LT1790 Datasheet HTML 16Page - Linear Technology LT1790 Datasheet HTML 17Page - Linear Technology LT1790 Datasheet HTML 18Page - Linear Technology LT1790 Datasheet HTML 19Page - Linear Technology LT1790 Datasheet HTML 20Page - Linear Technology LT1790 Datasheet HTML 21Page - Linear Technology LT1790 Datasheet HTML 22Page - Linear Technology LT1790 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1790
1790fa
APPLICATIONS INFORMATION
Figure 6. LT1790-2.5 Sinking – 4mA to – 5mA
6V
4V
2V
0V
VGEN
VOUT
(AC Coupled)
1790 F06
Positive or Negative Operation
Series operation is ideal for extending battery life. If an
LT1790 is operated in series mode it does not require an
external current setting resistor. The specifications guar-
antee that the LT1790 family operates to 18V. When the
circuitry being regulated does not demand current, the
series connected LT1790 consumes only a few hundred
µW, yet the same connection can sink or source 5mA of
load current when demanded. A typical series connection
is shown on the front page of this data sheet.
The circuit in Figure 7 shows the connection for a – 2.5V
reference, although any LT1790 voltage option can be
configured this way to make a negative reference. The
LT1790 can be used as very stable negative references,
however, they require a positive voltage applied to Pin 4
to bias internal circuitry. This voltage must be current
limited with R1 to keep the output PNP transistor from
turning on and driving the grounded output. C1 provides
stability during load transients. This connection main-
tains nearly the same accuracy and temperature coeffi-
cient of the positive connected LT1790.
Long-Term Drift
Long-term drift cannot be extrapolated from acceler-
ated high temperature testing. This erroneous tech-
nique gives drift numbers that are widely optimistic. The
only way long-term drift can be determined is to mea-
sure it over the time interval of interest. The LT1790S6
drift data was taken on over 100 parts that were soldered
into PC boards similar to a “real world” application. The
boards were then placed into a constant temperature oven
with TA = 30°C, their outputs scanned regularly and
measured with an 8.5 digit DVM. Long-term drift curves
are shown in the Typical Performance Characteristics.
Hysteresis
Hysteresis data shown in Figures 8 and 9 represent the
worst-case data taken on parts from 0
°C to 70°C and from
–40
°C to 85°C. Units were cycled several times over these
temperature ranges and the largest change is shown. As
expected, the parts cycled over the higher temperature
range have higher hysteresis than those cycled over the
lower range.
When an LT1790 is IR reflow soldered onto a PC board, the
output shift is typically just 150ppm (0.015%).
Higher Input Voltage
The circuit in Figure 10 shows an easy way to increase the
input voltage range of the LT1790. The zener diode can be
anywhere from 6V to 18V. For equal power sharing be-
tween R1 and the zener (at 30V), the 18V option is better.
The circuit can tolerate much higher voltages for short
periods and is suitable for transient protection.
Assuming 80
µA max supply current for the LT1790, a
25
µA load, 120mV max dropout and a 4V to 30V input
specification, the largest that R1 can be is (4V – 3.3V –
120mV)/(80
µA + 25µA) = 5.5k. Furthermore, assuming
220mW of dissipation in the 18V SOT-23 zener, this gives
a max current of (220mW)/(18V) = 12.2mA. So the
smallest that R1 should be is (30V – 18V)/12.2mA = 1k,
rated at 150mW.
8V
LT1790-2.5
CL
1
µF
C1
0.1
µF
1790 F07
4
1, 2
6
R1
10k
VOUT = –2.5V
VEE
3V
RL =
VEE – VOUT
125
µA
Figure 7. Using the LT1790-2.5 to Build a –2.5V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com