Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 3 Page - Linear Technology

  LT1790 Datasheet HTML 1Page - Linear Technology LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1790
1790fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
1.24937
1.250
1.25062
V
–0.05
0.05
%
LT1790B
1.24875
1.250
1.25125
V
–0.10
0.10
%
LT1790AC
q
1.24850
1.250
1.25150
V
q
–0.120
0.120
%
LT1790AI
q
1.24781
1.250
1.25219
V
q
–0.175
0.175
%
LT1790BC
q
1.24656
1.250
1.25344
V
q
–0.275
0.275
%
LT1790BI
q
1.24484
1.250
1.25516
V
q
–0.4125
0.4125
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
q
5
10
ppm/
°C
LT1790B
q
12
25
ppm/
°C
Line Regulation
2.6V
≤ VIN ≤ 18V
50
170
ppm/V
q
220
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA, VIN = 2.8V
100
160
ppm/mA
q
250
ppm/mA
IOUT Sink = 1mA, VIN = 3.2V
120
180
ppm/mA
q
250
ppm/mA
Minimum Operating Voltage (Note 7)
VIN, ∆VOUT = 0.1%
IOUT = 0mA
1.95
2.15
V
q
2.50
V
IOUT Source = 5mA
q
2.90
V
IOUT Sink = 1mA
q
2.95
V
Supply Current
No Load
35
60
µA
q
75
µA
Minimum Operating Current—
VOUT = – 1.25V, ±0.1%
100
125
µA
Negative Output (See Figure 7)
Turn-On Time
CLOAD = 1µF
250
µs
Output Noise (Note 8)
0.1Hz
≤ f ≤ 10Hz
10
µVP-P
10Hz
≤ f ≤ 1kHz
14
µVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/
√kHr
Hysteresis (Note 10)
∆T = 0°C to 70°C
q
40
ppm
∆T = –40°C to 85°C
q
100
ppm
The q denotes specifications that apply over the specified
temperature range, otherwise specifications are at TA = 25°C. CL = 1µF and VIN = 2.6V, unless otherwise noted.
1.25V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com