Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 2 Page - Linear Technology

  LT1790 Datasheet HTML 1Page - Linear Technology LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1790
1790fa
Input Voltage .......................................................... 20V
Specified Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Output Short-Circuit Duration ......................... Indefinite
ORDER
PART NUMBER
LT1790ACS6-1.25
LT1790BCS6-1.25
LT1790ACS6-2.048
LT1790BCS6-2.048
LT1790ACS6-2.5
LT1790BCS6-2.5
LT1790ACS6-3
LT1790BCS6-3
LT1790ACS6-3.3
LT1790BCS6-3.3
LT1790ACS6-4.096
LT1790BCS6-4.096
LT1790ACS6-5
LT1790BCS6-5
GND 1
GND 2
DNC* 3
6 VOUT
5 DNC*
4 VIN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
TJMAX = 150°C, θJA = 230°C/W
*DNC: DO NOT CONNECT
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Operating Temperature Range
(Note 2) ........................................... – 40
°C to 125°C
Storage Temperature Range
(Note 3) ........................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
OUTPUT
VOLTAGE
S6
PART MARKING*
* The temperature grades and parametric grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider
operating temperature ranges.
AVAILABLE OPTIO S
TEMPERATURE RANGE
OUTPUT
INITIAL
TEMPERATURE
0
°C to 70°C–40°C to 85°C
VOLTAGE
ACCURACY
COEFFICEINT
ORDER PART NUMBER
ORDER PART NUMBER
1.250V
0.05%
10ppm/
°C
LT1790ACS6-1.25
LT1790AIS6-1.25
0.1%
25ppm/
°C
LT1790BCS6-1.25
LT1790BIS6-1.25
2.048V
0.05%
10ppm/
°C
LT1790ACS6-2.048
LT1790AIS6-2.048
0.1%
25ppm/
°C
LT1790BCS6-2.048
LT1790BIS6-2.048
2.500V
0.05%
10ppm/
°C
LT1790ACS6-2.5
LT1790AIS6-2.5
0.1%
25ppm/
°C
LT1790BCS6-2.5
LT1790BIS6-2.5
3.000V
0.05%
10ppm/
°C
LT1790ACS6-3
LT1790AIS6-3
0.1%
25ppm/
°C
LT1790BCS6-3
LT1790BIS6-3
3.300V
0.05%
10ppm/
°C
LT1790ACS6-3.3
LT1790AIS6-3.3
0.1%
25ppm/
°C
LT1790BCS6-3.3
LT1790BIS6-3.3
4.096V
0.05%
10ppm/
°C
LT1790ACS6-4.096
LT1790AIS6-4.096
0.1%
25ppm/
°C
LT1790BCS6-4.096
LT1790BIS6-4.096
5.000V
0.05%
10ppm/
°C
LT1790ACS6-5
LT1790AIS6-5
0.1%
25ppm/
°C
LT1790BCS6-5
LT1790BIS6-5
LT1790AIS6-1.25
LT1790BIS6-1.25
LT1790AIS6-2.048
LT1790BIS6-2.048
LT1790AIS6-2.5
LT1790BIS6-2.5
LT1790AIS6-3
LT1790BIS6-3
LT1790AIS6-3.3
LT1790BIS6-3.3
LT1790AIS6-4.096
LT1790BIS6-4.096
LT1790AIS6-5
LT1790BIS6-5
1.250V
2.048V
2.500V
3.000V
3.300V
4.096V
5.000V
LTXT
LTXU
LTPZ
LTQA
LTXW
LTQB
LTQC
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com