Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1813/LT1814
18134fa
TEMPERATURE (
°C)
–50
–25
0
2
5
0
50
75
1813/14 G01
1
4
3
25
100
125
PER AMPLIFIER
VS = ± 5V
VS = ± 2.5V
SUPPLY VOLTAGE (
± V)
0
V –
1.0
1.5
2.0
V +
– 2.0
–1.5
2
4
5
1813/14 G02
0.5
–1.0
– 0.5
1
3
6
7
TA = 25°C
∆VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
– 5.0
–1.0
– 0.5
TA = 25°C
VS = ± 5V
5.0
1813/14 G03
–1.5
– 2.0
– 2.5
0
2.5
0
TEMPERATURE (
°C)
–50
– 0.8
– 0.7
– 0.6
25
75
1813/14 G04
– 0.9
–1.0
–25
0
50
100
125
–1.1
–1.2
VS = ± 5V
FREQUENCY (Hz)
10
100
1
10
in
100
0.1
1
10
1k
10k
100k
1813/14 G05
TA = 25°C
VS = ± 5V
AV = 101
RS = 10k
en
LOAD RESISTANCE (
Ω)
100
60
62.5
65.0
67.5
70.0
75.0
1k
10k
1813/14 G06
72.5
TA = 25°C
VS = ± 5V
VS = ± 2.5V
Supply Current vs Temperature
Input Common Mode Range vs
Supply Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current vs Temperature
Input Noise Spectral Density
Open-Loop Gain
vs Resistive Load
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
70.0
72.5
75.0
25
75
1813/14 G07
67.5
65.0
–25
0
50
100
125
62.5
60.0
VS = ± 5V
VO = ± 3V
RL = 500Ω
RL = 100Ω
SUPPLY VOLTAGE (
± V)
0
V –
1.0
1.5
2.0
V +
– 2.0
–1.5
2
4
5
1813/14 G02
0.5
–1.0
– 0.5
1
3
6
7
TA = 25°C
VIN = 30mV
RL = 100Ω
RL = 100Ω
RL = 500Ω
RL = 500Ω
OUTPUT CURRENT (mA)
–60
– 2.0
–1.0
–1.5
V+
– 0.5
20
1813/14 G09
2.0
1.0
1.5
0.5
V–
–40
–20
0
40
60
VS = ± 5V
VIN = 30mV
85
°C
25
°C
–40
°C
Open-Loop Gain vs Temperature
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com