Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1813/LT1814
18134fa
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
80
90
100
110
120
–25
0
25
50
1813/14 G10
75
100
125
VS = ± 5V
SOURCE
SINK
SETTLING TIME (ns)
0
–5
–4
–2
–1
0
5
2
10
20
25
1813/14 G11
–3
3
4
1
5
15
30
35
VS = ± 5V
AV = –1
RF = 500Ω
CF = 3pF
0.1% SETTLING
FREQUENCY (Hz)
10k
100k
0.001
0.1
100
1M
10M
100M
1813/14 G12
0.01
1
10
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ± 5V
FREQUENCY (Hz)
10
20
40
60
70
10k
1M
10M
1000M
1813/14 G13
0
100k
100M
50
30
–10
0
20
60
100
120
–20
80
40
–40
PHASE
GAIN
±5V
±5V
±2.5V
±2.5V
TA = 25°C
AV = –1
RF = RG = 500Ω
FREQUENCY (Hz)
–70
–60
–40
–30
–10
0
100k
10M
100M
1813/14 G14
–80
1M
1000M
–20
–50
–90
TA = 25°C
AV = 10
VIN = 0dBm
RL = 100Ω
TEMPERATURE (
°C)
–50
–25
85
115
0
50
75
1813/14 G15
36
40
38
105
95
25
100
125
GBW
VS = ± 5V
GBW
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
RL = 500Ω
Output Short-Circuit Current
vs Temperature
Gain Bandwidth and Phase
Margin vs Temperature
Crosstalk vs Frequency
Gain and Phase vs Frequency
Output Impedance vs Frequency
Settling Time vs Output Step
FREQUENCY (Hz)
1M
–6
–4
–2
0
2
10M
100M
500M
1813/14 G16
–8
–10
–12
–14
4
6
TA = 25°C
AV = 1
NO RL
VS = ±2.5V
VS = ±5V
FREQUENCY (Hz)
1M
2
4
6
8
10M
100M
500M
1813/14 G17
0
–2
–4
–6
VS = ±5V
TA = 25°C
AV = 2
RL = 100Ω
VS = ±2.5V
FREQUENCY (Hz)
1
0
4
8
10M
100M 200M
1813/14 G18
–4
–8
12
TA = 25°C
AV = –1
VS = ±5V
RF = RG = 500Ω
NO RL
CL= 1000pF
CL= 500pF
CL= 200pF
CL= 100pF
CL= 50pF
CL= 0
Frequency Response
vs Capacitive Load, AV = –1
Frequency Response
vs Supply Voltage, AV = 2
Frequency Response
vs Supply Voltage, AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com