Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology LT1813 Datasheet HTML 13Page - Linear Technology LT1813 Datasheet HTML 14Page - Linear Technology LT1813 Datasheet HTML 15Page - Linear Technology LT1813 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1813/LT1814
18134fa
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0503 1K REV A • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1363/LT1364/LT1365
Single/Dual/Quad 70MHz, 1000V/
µs, C-LoadTM Op Amps
±2.5V to ±15V Operation
LT1395/LT1396/LT1397
Single/Dual/Quad 400MHz Current Feedback Amplifiers
4.6mA Supply Current, 800V/
µs, 80mA Output Current
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail I/O Op Amps
Low Noise 3.5nV/
√Hz
LT1809/LT1810
Single/Dual 180MHz, 350V/
µs Rail-to-Rail I/O Op Amps
Low Distortion –90dBc at 5MHz
LT1812
Single 3mA, 100MHz, 750V/
µs Op Amp
Single Version of LT1813/LT1814; 50
µA Shutdown Option
LT1815/LT1816/LT1817
Single/Dual/Quad 220MHz, 1500V/
µs Op Amps
6.5mA Supply Current, 6nV/
√Hz Input Noise
C-Load is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
1813/14
TA03
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON MODE REJECTION
BW = 1MHz
R1
10k
R2
1k
R5
220
Ω
R4
10k
R3
1k
VOUT
+
–
–
+
–
+
1/2
LT1813
1/2
LT1813
Two Op Amp Instrumentation Amplifier
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
PACKAGE DESCRIPTIO
GN16 (SSOP) 0502
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.053 – .068
(1.351 – 1.727)
.008 – .012
(0.203 – 0.305)
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 TYP
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
GAIN
R
R
R
R
R
R
RR
R
=
⎡
⎣
⎢
⎤
⎦
⎥ +
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝⎜
⎞
⎠⎟
+
+
()
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
=
4
3
1
1
2
2
1
3
4
23
5
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com