Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1813/LT1814
18134fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, VCM = 2.5V, RL to 2.5V, unless otherwise noted. (Note 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Maximum Output Current
VOUT = 1.5V or 3.5V, 30mV Overdrive
±25
±35
mA
TA = 0°C to 70°C
●
±20
mA
TA = – 40°C to 85°C
●
±17
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±55
±75
mA
TA = 0°C to 70°C
●
±45
mA
TA = – 40°C to 85°C
●
±40
mA
SR
Slew Rate
AV = –1 (Note 5)
200
350
V/
µs
TA = 0°C to 70°C
●
150
V/
µs
TA = – 40°C to 85°C
●
125
V/
µs
FPBW
Full Power Bandwidth
2VP-P (Note 6)
55
MHz
GBW
Gain Bandwidth Product
f = 200kHz, RL = 500Ω
65
94
MHz
TA = 0°C to 70°C
●
55
MHz
TA = – 40°C to 85°C
●
50
MHz
–3dB BW
–3dB Bandwidth
AV = 1, RL = 500Ω
180
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2.1
ns
tPD
Propagation Delay (Note 10)
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
3ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tS
Settling Time
AV = –1, 0.1%, 2V
30
ns
THD
Total Harmonic Distortion
AV = 2, f = 1MHz, VOUT = 2VP-P, RL = 500Ω
–75
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.22
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.21
DEG
ROUT
Output Resistance
AV = 1, f = 1MHz
0.45
Ω
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω
81
100
dB
TA = 0°C to 70°C
●
80
dB
TA = – 40°C to 85°C
●
79
dB
IS
Supply Current
Per Amplifier
2.9
4.0
mA
TA = 0°C to 70°C
●
5.0
mA
TA = – 40°C to 85°C
●
5.5
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Differential inputs of
±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 5: Slew rate is measured between
±2V at the output with ±3V input
for
±5V supplies and 2VP-P at the output with a 3VP-P input for single 5V
supplies.
Note 6: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 7: This parameter is not 100% tested
Note 8: The LT1813C/LT1814C are guaranteed to meet specified
performance from 0
°C to 70°C and is designed, characterized and
expected to meet the extended temperature limits, but is not tested at
–40
°C and 85°C. The LT1813I/LT1814I are guaranteed to meet the
extended temperature limits.
Note 9: The LT1813D is 100% production tested at 25
°C. It is designed,
characterized and expected to meet the 0
°C to 70°C specifications
although it is not tested or QA sampled at these temperatures. The
LT1813D is guaranteed functional from –40
°C to 85°C but may not meet
those specifications.
Note 10: Propagation delay is measured from the 50% point on the input
waveform to the 50% point on the output waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com