Electronic Components Datasheet Search
  English  ▼

X  

LT3024IDE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3024IDE Datasheet HTML 7Page - Linear Technology LT3024IDE Datasheet HTML 8Page - Linear Technology LT3024IDE Datasheet HTML 9Page - Linear Technology LT3024IDE Datasheet HTML 10Page - Linear Technology LT3024IDE Datasheet HTML 11Page - Linear Technology LT3024IDE Datasheet HTML 12Page - Linear Technology LT3024IDE Datasheet HTML 13Page - Linear Technology LT3024IDE Datasheet HTML 14Page - Linear Technology LT3024IDE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3024
11
3024fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output 1 Transient Response
CBYP = 0pF
Output 1 Transient Response
CBYP = 0.01µF
TIME (μs)
0.4
0.2
0
–0.2
–0.4
600
400
200
0
3024 G48
0
200
400
600
800
1000
VIN = 6V, VOUT SET FOR 5V
CIN = 10μF
COUT = 10μF
TIME (μs)
0.10
0.05
0
–0.05
–0.10
600
400
200
0
3024 G49
020 30
50
70
90
10
40
60
80
100
VIN = 6V, VOUT SET FOR 5V
CIN = 10μF
COUT = 10μF
Output 2 Transient Response
CBYP = 0.01µF
Output 2 Transient Response
CBYP = 0pF
TIME (μs)
0.2
0.1
0
–0.1
–0.2
100
50
0
3024 G46
0
400
800
1200
1600
2000
VIN = 6V, VOUT SET FOR 5V
CIN = 10μF
COUT = 10μF
TIME (μs)
0.04
0.02
0
–0.02
–0.04
100
50
0
3024 G47
0
40 60
100
20
80
120 140
180
160
200
VIN = 6V, VOUT SET FOR 5V
CIN = 10μF
COUT = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com