Electronic Components Datasheet Search
  English  ▼

X  

LT3024IDE Datasheet(PDF) 16 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3024IDE Datasheet HTML 12Page - Linear Technology LT3024IDE Datasheet HTML 13Page - Linear Technology LT3024IDE Datasheet HTML 14Page - Linear Technology LT3024IDE Datasheet HTML 15Page - Linear Technology LT3024IDE Datasheet HTML 16Page - Linear Technology LT3024IDE Datasheet HTML 17Page - Linear Technology LT3024IDE Datasheet HTML 18Page - Linear Technology LT3024IDE Datasheet HTML 19Page - Linear Technology LT3024IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3024
16
3024fa
APPLICATIONS INFORMATION
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. FE Package, 16-Lead TSSOP
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
38°C/W
1000mm2
2500mm2
2500mm2
43°C/W
225mm2
2500mm2
2500mm2
48°C/W
100mm2
2500mm2
2500mm2
60°C/W
*Device is mounted on topside.
Table 2. UE Package, 12-Lead DFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
40°C/W
1000mm2
2500mm2
2500mm2
45°C/W
225mm2
2500mm2
2500mm2
50°C/W
100mm2
2500mm2
2500mm2
62°C/W
*Device is mounted on topside.
The thermal resistance junction-to-case (
θJC), measured
at the Exposed Pad on the back of the die is 10°C/W for
the DFN package and 8°C/W for the TSSOP package.
Calculating Junction Temperature
Example: Given Output 1 set for an output voltage of
3.3V, Output 2 set for an output voltage of 2.5V, an input
voltage range of 3.8V to 5V, an output current range of
0mA to 500mA for Output 1, an output current range of
0mA to 100mA for Output 2 and a maximum ambient
temperature of 50°C, what will the maximum junction
temperature be?
The power dissipated by each output will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
Where for Output 1:
IOUT(MAX) = 500mA
VIN(MAX) = 5V
IGND at (IOUT = 500mA, VIN = 5V) = 9mA
For Output 2:
IOUT(MAX) = 100mA
VIN(MAX) = 5V
IGND at (IOUT = 100mA, VIN = 5V) = 2mA
So for Output 1:
P = 500mA (5V – 3.3V) + 9mA (5V) = 0.90W
For Output 2:
P = 100mA (5V – 2.5V) + 2mA (5V) = 0.26W
The thermal resistance will be in the range of 35°C/W to
55°C/W depending on the copper area. So the junction
temperature rise above ambient will be approximately
equal to:
(0.90W + 0.26W) 50°C/W = 57.8°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 57.8°C = 107.8°C
Protection Features
The LT3024 regulator incorporates several protection fea-
tures which make it ideal for use in battery-powered circuits.
In addition to the normal protection features associated
with monolithic regulators, such as current limiting and
thermal limiting, the device is protected against reverse
input voltages, reverse output voltages and reverse voltages
from output to input. The two regulators have common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com