Electronic Components Datasheet Search
  English  ▼

X  

LT3024IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3024IDE Datasheet HTML 12Page - Linear Technology LT3024IDE Datasheet HTML 13Page - Linear Technology LT3024IDE Datasheet HTML 14Page - Linear Technology LT3024IDE Datasheet HTML 15Page - Linear Technology LT3024IDE Datasheet HTML 16Page - Linear Technology LT3024IDE Datasheet HTML 17Page - Linear Technology LT3024IDE Datasheet HTML 18Page - Linear Technology LT3024IDE Datasheet HTML 19Page - Linear Technology LT3024IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3024
20
3024fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0208 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.75V, IQ = 50μA, ISD = 16μA, DD, SOT-223, S8,TO220,
TSSOP20 Packages
LT1175
500mA, Micropower Negative LDO
Guaranteed Voltage Tolerance and Line/Load Regulation, VIN: –20V to –4.3V,
VOUT(MIN) = –3.8V, IQ = 45μA, ISD = 10μA, DD,SOT-223, S8 Packages
LT1185
3A, Negative LDO
Accurate Programmable Current Limit, Remote Sense, VIN: –35V to –4.2V, VOUT(MIN)
= –2.40V, IQ = 2.5mA, ISD <1μA, TO220-5 Package
LT1761
100mA, Low Noise Micropower, LDO
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, VIN: 1.8V to 20V,
VOUT(MIN) = 1.22V, IQ = 20μA, ISD <1μA, ThinSOT Package
LT1762
150mA, Low Noise Micropower, LDO
Low Noise < 20μVRMS, VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 25μA, ISD <1μA,
MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
Low Noise < 20μVRMS, VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 30μA, ISD <1μA,
S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response, LDO
Low Noise < 40μVRMS, "A" Version Stable with Ceramic Capacitors, VIN: 2.7V to 20V,
VOUT(MIN) = 1.21V, IQ = 1mA, ISD <1μA, DD, TO220 Packages
LTC1844
150mA, Very Low Drop-Out LDO
Low Noise < 30μVRMS, Stable with 1μF Ceramic Capacitors, VIN: 1.6V to 6.5V,
VOUT(MIN) = 1.25V, IQ = 40μA, ISD <1μA, ThinSOT Package
LT1962
300mA, Low Noise Micropower, LDO
Low Noise < 20μVRMS, VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 30μA, ISD <1μA,
MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response, LDO
Low Noise < 40μVRMS, "A" Version Stable with Ceramic Capacitors, VIN: 2.1V to 20V,
VOUT(MIN) = 1.21V, IQ = 1mA, ISD <1μA, DD, TO220, SOT-223, S8 Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
Low Noise < 30μVRMS, Stable with Ceramic Capacitors, VIN: –0.9V to –20V,
VOUT(MIN) = –1.21V, IQ = 30μA, ISD = 3μA, ThinSOT Package
LT3023
Dual 100mA, Low Noise, Micropower LDO
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, VIN: 1.8V to 20V,
VOUT(MIN) = 1.22V, IQ = 40μA, ISD <1μA, MS10E, DFN Packages
LTC3407
Dual 600mA. 1.5MHz Synchronous Step Down
DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6 V, IQ = 40μA, ISD <1μA, MSE Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com