Electronic Components Datasheet Search
  English  ▼

X  

LT3024IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LT3024IDE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3024IDE Datasheet HTML 8Page - Linear Technology LT3024IDE Datasheet HTML 9Page - Linear Technology LT3024IDE Datasheet HTML 10Page - Linear Technology LT3024IDE Datasheet HTML 11Page - Linear Technology LT3024IDE Datasheet HTML 12Page - Linear Technology LT3024IDE Datasheet HTML 13Page - Linear Technology LT3024IDE Datasheet HTML 14Page - Linear Technology LT3024IDE Datasheet HTML 15Page - Linear Technology LT3024IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3024
12
3024fa
GND (Pins 4, 13)/(Pins 1, 5, 8, 9, 16, 17): Ground. The
Exposed Pad must be soldered to PCB ground for optimum
thermal performance.
ADJ1/ADJ2 (Pins 12/7)/(Pins 15/10): Adjust Pin. These
are the input to the error amplifiers. These pins are inter-
nally clamped to ±7V. They have a bias current of 30nA
which flows into the pin (see curve of ADJ1/ADJ2 Pin
Bias Current vs Temperature in the Typical Performance
Characteristics section). The ADJ1 and ADJ2 pin voltage
is 1.22V referenced to ground and the output voltage
range is 1.22V to 20V.
BYP1/BYP2 (Pins 1/6)/(Pins 2/7): Bypass. The BYP1/
BYP2 pins are used to bypass the reference of the LT3024
regulator to achieve low noise performance from the
regulator. The BYP1/BYP2 pins are clamped internally to
± 0.6V (one VBE) from ground. A small capacitor from the
corresponding output to this pin will bypass the reference
to lower the output voltage noise. A maximum value of
0.01μF can be used for reducing output voltage noise to
a typical 20μVRMS over a 10Hz to 100kHz bandwidth. If
not used, this pin must be left unconnected.
OUT1/OUT2 (Pins 2, 3/5)/(Pins 3, 4/6): Output. The outputs
supply power to the loads. A minimum output capacitor of
1μF is required to prevent oscillations on Output 2; Output
1 requires a minimum of 3.3μF. Larger output capacitors
will be required for applications with large transient loads
to limit peak voltage transients. See the Applications Infor-
mation section for more information on output capacitance
and reverse output characteristics.
SHDN1/SHDN2 (Pins 11/8)/(Pins 14/11): Shutdown. The
SHDN1/SHDN2 pins are used to put the corresponding
output of the LT3024 regulator into a low power shutdown
state. The output will be off when the pin is pulled low.
The SHDN1/SHDN2 pins can be driven either by 5V logic
or open-collector logic with pull-up resistors. The pull-up
resistors are required to supply the pull-up current of the
open-collector gates, normally several microamperes, and
the SHDN1/SHDN2 pin current, typically 1μA. If unused, the
pin must be connected to VIN. The device will not function
if the SHDN1/SHDN2 pins are not connected.
IN (Pins 9, 10)/(Pins 12, 13): Input. Power is supplied
to the device through the IN pin. A bypass capacitor is
required on this pin if the device is more than six inches
away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so
it is advisable to include a bypass capacitor in battery-
powered circuits. A bypass capacitor in the range of 1μF
to 10μF is sufficient. The LT3024 regulator is designed to
withstand reverse voltages on the IN pin with respect to
ground and the OUT pin. In the case of a reverse input,
which can happen if a battery is plugged in backwards, the
device will act as if there is a diode in series with its input.
There will be no reverse current flow into the regulator
and no reverse voltage will appear at the load. The device
will protect both itself and the load.
PIN FUNCTIONS (DFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com