Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology LT3503 Datasheet HTML 10Page - Linear Technology LT3503 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3505
7
3505fc
PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage,higherthantheinputvoltage,totheinternalbipolar
NPN power switch.
SW (Pin 2): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 3): The VIN pin supplies current to the LT3505’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
SHDN (Pin 4): The SHDN pin is used to put the LT3505 in
shutdown mode. Tie to ground to shut down the LT3505.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation section.
GND (Pin 5): Tie the GND pin to a local ground plane
below the LT3505 and the circuit components. Return the
feedback divider to this pin.
RT (Pin 6): The RT pin is used to program the switching
frequency of the LT3505 by connecting a resistor from
this pin to ground. The Applications Information section of
the data sheet includes a table to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin.
FB(Pin7):TheLT3505regulatesitsfeedbackpinto780mV.
Connect the feedback resistor divider tap to this pin. Set
the output voltage by selecting R1 according to:
R
R
V
V
OUT
1
2
0 78
1
=


.
–
A good value for R2 is 10.0k.
VC (Pin 8): The VC pin is used to compensate the LT3505
control loop by tying an external RC network from this
pin to ground.
Exposed Pad (Pin 9): The Exposed Pad must be soldered
to the PCB and electrically connected to ground. Use a
large ground plane and thermal vias to optimize thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com