Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 5 Page - Linear Technology

  LT3503 Datasheet HTML 1Page - Linear Technology LT3503 Datasheet HTML 2Page - Linear Technology LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3505
5
3505fc
TYPICAL PERFORMANCE CHARACTERISTICS
Undervoltage Lockout
Switching Frequency
Frequency Foldback, RT = 75.0k
TEMPERATURE (
°C)
3.60
3.80
4.00
3505 G10
3.40
3.20
3.50
3.70
3.90
3.30
3.10
3.00
–25
–50
25
0
75
100 125
50
FB VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.2
0.4
0.6
0.8
3505 G12
0.5
0.6
0.1
0.3
0.5
0.7
TA = 25°C
Soft-Start
SHDN Pin Current
Typical Minimum Input Voltage,
(VOUT = 5V, fSW = 750kHz)
SHDN PIN VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
2.0
1.4
0.50
1 1.25
0.4
1.6
1.8
1.2
0.25
0.75
1.50 1.75 2
TA = 25°C
VSHDN (V)
0
30
40
50
16
3505 G14
20
10
25
35
45
15
5
0
4
2
8
6
12 14
18
10
20
TA = 25°C
LOAD CURRENT (mA)
1
6.0
6.2
6.4
6.6
6.8
10
100
1000
3505 G15
5.8
5.6
5.4
5.2
7.0
7.2
TO START
TO RUN
TA = 25°C
Typical Minimum Input Voltage,
(VOUT = 3.3V, fSW = 750kHz)
LOAD CURRENT (mA)
1
4.3
4.5
4.7
4.9
5.1
10
100
1000
4.1
3.9
3.7
3.5
5.3
5.5
TO START
TA = 25°C
TO RUN
Typical Minimum Input Voltage,
(VOUT = 3.3V, fSW = 2.2MHz)
LOAD CURRENT (mA)
1
3.5
5.0
5.5
10
100
1000
4.5
4.0
TO START
TO RUN
TA = 25°C
Typical Minimum Input Voltage,
(VOUT = 5V, fSW = 2.2MHz)
LOAD CURRENT (mA)
1
5.0
6.2
6.6
7.0
10
100
1000
5.8
5.4
6.0
6.4
6.8
5.6
5.2
TO START
TO RUN
TA = 25°C
TEMPERATURE (
°C)
0
0.60
0.80
1.20
1.40
1.60
100
2.40
1.00
50
25
–50 –25
75
125
1.80
2.00
2.20
RT = 21k
RT = 30.1k
RT = 75.0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com