Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 1 Page - Linear Technology

  LT3503 Datasheet HTML 1Page - Linear Technology LT3503 Datasheet HTML 2Page - Linear Technology LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3505
1
3505fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.2A, Step-Down
Switching Regulator in
3mm
× 3mm DFN
The LT®3505 is a current mode PWM step-down DC/DC
converter with an internal 1.4A power switch. The wide
operating input range of 3.6V to 36V (40V maximum)
makes the LT3505 ideal for regulating power from a wide
variety of sources, including unregulated wall transform-
ers, 24V industrial supplies and automotive batteries. The
oscillatorcanbeprogrammedforhighfrequencyoperation
allowing the use of tiny, low cost external components or
it can be programmed for lower frequency operation to
maximize efficiency.
Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current
surge during start-up. The low current (<2µA) shutdown
mode provides output disconnect, enabling easy power
management in battery-powered systems.
750kHz, 3.3V Step-Down Converter
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
!
Wide Input Range: 3.6V to 36V Operating,
40V Maximum
!
Up to 1.2A Output Current
!
Resistor-Programmable Fixed-Frequency Operation
from 200kHz to 3MHz
!
Output Adjustable Down to 780mV
!
Short-Circuit Robust
!
Uses Tiny Capacitors and Inductors
!
Soft-Start
!
Low Shutdown Current: <2µA
!
Low VCESAT Switch: 350mV at 1A
!
Thermally Enhanced, Low Profile 3mm x 3mm
DFN-8 and MSOP-8 Packages
!
Automotive Battery Regulation
!
Industrial Control Supplies
!
Wall Transformer Regulation
!
Distributed Supply Regulation
!
Battery-Powered Equipment
VIN
4.2V TO 36V
ON OFF
0.1
µF 10µH
36.5k
10
µF
3505 TA01
22pF
68pF
1
µF
75.0k
11.3k
VOUT
3.3V
1.1A, VIN > 5V
1.2A, VIN > 8V
69.8k
GND
BOOST
FB
VC
SW
LT3505
VIN
SHDN
RT
Efficiency
LOAD CURRENT (A)
70
80
60
50
0.4
0.8
1.2
0.2
0
0.6
1.0
90
65
75
55
85
VIN = 12V
VOUT = 3.3V
fSW = 750kHz
L = 10 H


Similar Part No. - LT3503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3503 LINER-LT3503 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
More results

Similar Description - LT3503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com