Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3503 Datasheet HTML 12Page - Linear Technology LT3503 Datasheet HTML 13Page - Linear Technology LT3503 Datasheet HTML 14Page - Linear Technology LT3503 Datasheet HTML 15Page - Linear Technology LT3503 Datasheet HTML 16Page - Linear Technology LT3503 Datasheet HTML 17Page - Linear Technology LT3503 Datasheet HTML 18Page - Linear Technology LT3503 Datasheet HTML 19Page - Linear Technology LT3503 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT3505
19
3505fc
APPLICATIONS INFORMATION
capacitor (CC) and a resistor (RC) in series to ground are
used. In addition, a lower value filter capacitor (CF) may be
addedinparallel.Thefiltercapacitorisnotapartoftheloop
compensation but is used to filter noise at the switching
frequency, and is required only if a phase-lead capacitor
is used or if the output capacitor has high ESR.
Loop compensation determines the stability and transient
performance.Designingthecompensationnetworkisabit
complicated and the best values depend on the application
and in particular the type of output capacitor. A practical
approach is to start with one of the circuits in this data
sheet that is similar to your application and tune the com-
pensation network to optimize the performance. Stability
should then be checked across all operating conditions,
including load current, input voltage and temperature. The
LT1375datasheetcontainsamorethoroughdiscussionof
loop compensation and describes how to test the stability
using a transient load.
Figure11showsanequivalentcircuitfortheLT3505control
loop. The error amp is a transconductance amplifier with
finite output impedance. The power section, consisting of
the modulator, power switch and inductor, is modeled as
a transconductance amplifier generating an output cur-
rent proportional to the voltage at the VC node. Note that
the output capacitor integrates this current and that the
capacitor on the VC node (CC) integrates the error ampli-
fier output current, resulting in two poles in the loop. RC
provides a zero. With the recommended output capacitor,
theloopcrossoveroccursabovetheRCCCzero.Thissimple
model works well as long as the value of the inductor is
not too high and the loop crossover frequency is much
lower than the switching frequency. With a larger ceramic
capacitor (very low ESR), crossover may be lower and a
phaseleadcapacitor(CPL)acrossthefeedbackdividermay
improve the phase margin and transient response. Large
electrolytic capacitors may have an ESR large enough to
create an additional zero and the phase lead may not be
necessary.
If the output capacitor is different than the recommended
capacitor, stability should be checked across all operat-
ing conditions, including load current, input voltage and
temperature.
PCB Layout
ForproperoperationandminimumEMI,caremustbetaken
during printed circuit board layout. Figure 12 shows the
recommended component placement with trace, ground
plane and via locations. Note that large, switched currents
flow in the LT3505’s VIN and SW pins, the catch diode (D1)
and the input capacitor (C2). The loop formed by these
components should be as small as possible and tied to
C2
D1
C1
SYSTEM
GROUND
VOUT
VOUT
3505 F12
SHUTDOWN
VIN
: VIAS TO LOCAL GROUND PLANE
: OUTLINE OF LOCAL GROUND PLANE
5
6
7
8
4
3
2
1
SIGNAL
GROUND
POWER
GROUND
SW
BOOST
VC
FB
RT
Figure 12. A Good PCB Layout Ensures Proper, Low EMI Operation
780mV
SW
VC
LT3505
3505 F11
R1
OUT
ESR
ERROR
AMPLIFIER
CURRENT MODE
POWER STAGE
FB
R2
2M
RC
CC
C1
C1
gm =
200
µA/V
gm =
1.1A/V
CF
+
CPL
0.8V
Figure 11. Model for Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com