Electronic Components Datasheet Search
  English  ▼

X  

3518 Datasheet(PDF) 1 Page - Linear Technology

Part # 3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3518 Datasheet(HTML) 1 Page - Linear Technology

  3518 Datasheet HTML 1Page - Linear Technology 3518 Datasheet HTML 2Page - Linear Technology 3518 Datasheet HTML 3Page - Linear Technology 3518 Datasheet HTML 4Page - Linear Technology 3518 Datasheet HTML 5Page - Linear Technology 3518 Datasheet HTML 6Page - Linear Technology 3518 Datasheet HTML 7Page - Linear Technology 3518 Datasheet HTML 8Page - Linear Technology 3518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3518
1
3518fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Full-Featured LED Driver
with 2.3A Switch Current
The LT®3518 is a current mode DC/DC converter with an
internal 2.3A, 45V switch specifically designed to drive
LEDs. The LT3518 operates as a LED driver in boost, buck
mode and buck-boost mode. It combines a traditional
voltage loop and a unique current loop to operate as a
constant-current source or constant-voltage source. Pro-
grammable switching frequency allows optimization of the
external components for efficiency or component size. The
switching frequency of the LT3518 can be synchronized
to an external clock signal. The LED current is externally
programmable with a 100mV sense resistor. The external
PWM input provides 3000:1 LED dimming. The CTRL pin
provides further 10:1 dimming ratio.
The LT3518 is available in the tiny footprint 16-Lead QFN
(4mm
×4mm)andthe16-PinTSSOPpackage.TheLT3518
provides a complete solution for both constant-voltage
and constant-current applications.
n 3000:1 True Color PWM™ Dimming Ratio
n 2.3A, 45V Internal Switch
n 100mV High Side Current Sense
n Open LED Protection
n Adjustable Frequency: 250kHz to 2.5MHz
n Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
n Operates in Boost, Buck Mode and Buck-Boost Mode
n Gate Driver for PMOS LED Disconnect*
n Constant-Current and Constant-Voltage Regulation
n CTRL Pin Provides 10:1 Analog Dimming
n Low Shutdown Current: <1μA
n Available in (4mm
× 4mm) 16-Lead QFN and 16-Pin
TSSOP Packages
n Display Backlighting
n Automotive and Avionic Lighting
n Illumination
n Scanners
1.5A Buck Mode LED Driver
Efficiency
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. True Color
PWM is a trademark of Linear Technology Corporation. Patent Pending. All other trademarks are
the property of their respective owners. *Patents Pending.
1.5A
10μF
15μH
2.2μF
0.1μF
68mΩ
M1
2.2μF
VREF
ISP
TGEN
GND
VREF VC
16.9k
1MHz
3518 TA01a
0.1μF
VIN
SHDN
CTRL
PWM
SYNC
FB
SS
RT
SW
PVIN
24V
VIN
3.3V
ISN
LT3518
TG
PWM
PWM DUTY CYCLE (%)
0
40
50
60
70
80
90
100
20
40
60
80
3518 TA01b
100
CTRL = VREF


Similar Part No. - 3518

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3518 GILWAY-3518 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Lumberg
3518 LUMBERG-3518 Datasheet
283Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
List of Unclassifed Man...
3518 ETC2-3518 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Lumberg
3518 LUMBERG-3518 Datasheet
1Mb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3518-1 LUMBERG-3518-1 Datasheet
283Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
Full Featured Programmable Analog Supply Current Monitor
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com