Electronic Components Datasheet Search
  English  ▼

X  

3518 Datasheet(PDF) 4 Page - Linear Technology

Part # 3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3518 Datasheet(HTML) 4 Page - Linear Technology

  3518 Datasheet HTML 1Page - Linear Technology 3518 Datasheet HTML 2Page - Linear Technology 3518 Datasheet HTML 3Page - Linear Technology 3518 Datasheet HTML 4Page - Linear Technology 3518 Datasheet HTML 5Page - Linear Technology 3518 Datasheet HTML 6Page - Linear Technology 3518 Datasheet HTML 7Page - Linear Technology 3518 Datasheet HTML 8Page - Linear Technology 3518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3518
4
3518fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 5V, SHDN = 5V, PWM = 5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3518E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3518I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3518H is guaranteed over the full –40°C to
150°C operating junction temperature range. Operating lifetime is derated
at junction temperatures greater than 125°C.
Note 3: Absolute maximum voltage at VIN, SHDN, PWM and TGEN pins
is 40V for nonrepetitive 1 second transients and 30V for continuous
operation.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Pin Voltage Line Regulation
3V < VIN < 40V
0.03
%/V
Gate Turn-On Delay
CLOAD = 1nF Between ISP and TG
200
ns
Gate Turn-Off Delay
CLOAD = 1nF Between ISP and TG
200
ns
Top Gate Drive VGS (VISP – VTG)VISP = 24V, TGEN = 5V
PWM = 0V
7
0
0.3
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com