Electronic Components Datasheet Search
  English  ▼

X  

3518 Datasheet(PDF) 5 Page - Linear Technology

Part # 3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3518 Datasheet(HTML) 5 Page - Linear Technology

  3518 Datasheet HTML 1Page - Linear Technology 3518 Datasheet HTML 2Page - Linear Technology 3518 Datasheet HTML 3Page - Linear Technology 3518 Datasheet HTML 4Page - Linear Technology 3518 Datasheet HTML 5Page - Linear Technology 3518 Datasheet HTML 6Page - Linear Technology 3518 Datasheet HTML 7Page - Linear Technology 3518 Datasheet HTML 8Page - Linear Technology 3518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3518
5
3518fb
TYPICAL PERFORMANCE CHARACTERISTICS
VISP – VISN Threshold vs VCTRL
Switch Current Limit
vs Duty Cycle
Oscillator Frequency vs RT
VISP – VISN Threshold vs
Temperature
Switch Current Limit vs
Temperature
Oscillator Frequency vs
Temperature
VCTRL (V)
0
0
20
40
60
80
0.4
0.8
1.2
1.6
3518 G01
100
120
0.2
0.6
1.0
1.4
VIN = 5V
VISP = 24V
VC = 1V
TA = 25°C
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
3518 G02
100
TA = 25°C
RT (kΩ)
1
100
1000
10000
10
100
3518 G03
TA = 25°C
VISP (V)
0
101
103
105
40
3518 G04
99
97
100
102
104
98
96
95
10
20
30
50
VCTRL = 2V
VIN = 5V
TA = 25°C
VC = 1V
TEMPERATURE (°C)
–40 –15
2.0
2.4
3.0
–10
60
85
3518 G05
2.2
2.8
2.6
35
110 135 160
VIN = 5V
TEMPERATURE (°C)
–40 –20
1.5
1.9
2.5
0
40 60
3518 G06
1.7
2.3
2.1
20
80
160
100 120 140
VIN = 5V
RT = 6.04k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com