Electronic Components Datasheet Search
  English  ▼

X  

LT3572 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3572 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3572 Datasheet HTML 4Page - Linear Technology LT3572 Datasheet HTML 5Page - Linear Technology LT3572 Datasheet HTML 6Page - Linear Technology LT3572 Datasheet HTML 7Page - Linear Technology LT3572 Datasheet HTML 8Page - Linear Technology LT3572 Datasheet HTML 9Page - Linear Technology LT3572 Datasheet HTML 10Page - Linear Technology LT3572 Datasheet HTML 11Page - Linear Technology LT3572 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3572
8
3572fa
APPLICATIONS INFORMATION
Duty Cycle
The typical maximum duty cycle of the LT3572 is 95% at
1MHz. This maximum duty cycle reduces as the switch-
ing frequency is increased. The duty cycle for a given
application is given by:
DC
VV
V
VV
V
OUT
D
IN
OUT
D
CESAT
=
+
+
–
–
where VD is the diode forward drop, typically 0.5V and
VCESAT is, in the worst case, 310mV at 0.8A. The LT3572
can be used at higher duty cycles, but must be operated
in the discontinuous mode so that the actual duty cycle
is reduced.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistors
according to:
RR
V
12
1 225
1
=
⎛
⎝⎜
⎞
⎠⎟
VOUT
.
–
Shutdown Pins
When held below 0.3V, SHDNA and SHDNB prevent the
drivers from switching and keep the outputs in a high
impedance state. If SHDN is held below 0.3V then the
switching regulator is prevented from turning on. When
any one of these pins are pulled above 1.5V the internal
circuitry is turned on and the respective output is allowed
to operate. When the LT3572 is not in use all three pins
should be pulled low.
Oscillator
The LT3572 can operate at switching frequencies from
500kHz up to 2.25MHz by changing the value of the re-
sistor R3 on the RT pin. Figure 2 shows a graph of RT vs
Switching Frequency.
The oscillator can be synchronized with an external clock
applied to the SYNC pin. When synchronizing the oscilla-
tor, the free running frequency must be set approximately
15% lower than the desired synchronized frequency. If
the sync function is not used the SYNC pin must be tied
to ground.
PGOOD
The part has a power good feature that detects when the
output boost converter is up and in regulation. When the
part is turned off or not in regulation the PGOOD pin is
in a high impedance state. When the part is within 95%
of regulation the PGOOD pin is pulled low signaling that
the output is valid. If the output then falls below 85% of
regulation the PGOOD pin is put back in a high impedance
state. Whenever the output is not in regulation the output
pins in the driver aren’t allowed to switch and are placed
in a high impedance state. The PGOOD pin is an open
drain of an NMOS devices with an impedance of 1k
Ω and
should be tied to VIN through a resistor.
Soft-Start
The soft-start feature limits the inrush current drawn from
the supply upon start-up. An internal current source with a
nominal 4.5μA current source charges an external capacitor
C2. The voltage on the soft-start pin is used to control the
output of the error amplifier, which limits the maximum
peak current through the inductor and the inrush current
drawn from the supply during start-up.
Figure 2. RT Resistance vs Switching Frequency
RT RESISTANCE (kΩ)
10
100
1000
10000
100
3572 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com