Electronic Components Datasheet Search
  English  ▼

X  

LT3572 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3572 Datasheet(HTML) 2 Page - Linear Technology

  LT3572 Datasheet HTML 1Page - Linear Technology LT3572 Datasheet HTML 2Page - Linear Technology LT3572 Datasheet HTML 3Page - Linear Technology LT3572 Datasheet HTML 4Page - Linear Technology LT3572 Datasheet HTML 5Page - Linear Technology LT3572 Datasheet HTML 6Page - Linear Technology LT3572 Datasheet HTML 7Page - Linear Technology LT3572 Datasheet HTML 8Page - Linear Technology LT3572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3572
2
3572fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VOUT Voltage .............................................................40V
OUTA, OUTA, OUTB, OUTB Voltage...........................40V
SW Voltage ...............................................................42V
RT, SS, SYNC ..............................................................2V
FB ...............................................................................3V
All Other Pins ............................................................10V
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
SW
VIN
SYNC
RT
GND
PGOOD
SS
FB
SHDNB
SHDNA
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
●
2.5
2.7
V
VIN Quiescent Current
VFB = 1.3V
3.4
4
mA
VIN Shutdown Current
VSHDN = VSHDNA = VSHDNB = 0V
0
1
μA
SHDN Pin Threshold
0.3
1.5
V
SHDNA Pin Threshold
0.3
1.5
V
SHDNB Pin Threshold
0.3
1.5
V
SHDN Pin Bias Current
VSHDN = 5V, VSHDNA = 0V, VSHDNB = 0V
VSHDN = 0V, VSHDNA = 0V, VSHDNB = 0V
8
0.1
15
1
μA
μA
SHDNA Pin Bias Current
VSHDN = 0V, VSHDNA = 5V, VSHDNB = 0V
VSHDN = 0V, VSHDNA = 0V, VSHDNB = 0V
8
0.1
15
1
μA
μA
SHDNB Pin Bias Current
VSHDN = 0V, VSHDNA = 0V, VSHDNB = 5V
VSHDN= 0V, VSHDNA = 0V, VSHDNB = 0V
8
0.1
15
1
μA
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDNA= VSHDNB = VSHDN = 5V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3572EUF#PBF
LT3572EUF#TRPBF
3572
20-Lead (4mm
× 4mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com