Electronic Components Datasheet Search
  English  ▼

X  

LT3572 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3572 Datasheet(HTML) 4 Page - Linear Technology

  LT3572 Datasheet HTML 1Page - Linear Technology LT3572 Datasheet HTML 2Page - Linear Technology LT3572 Datasheet HTML 3Page - Linear Technology LT3572 Datasheet HTML 4Page - Linear Technology LT3572 Datasheet HTML 5Page - Linear Technology LT3572 Datasheet HTML 6Page - Linear Technology LT3572 Datasheet HTML 7Page - Linear Technology LT3572 Datasheet HTML 8Page - Linear Technology LT3572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3572
4
3572fa
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Pin Voltage vs
Temperature
Oscillator Frequency vs
Temperature
SS Pin Current vs Temperature
Quiescent Current vs Temperature
SHDN Pin Current vs Temperature
SW Current Limit vs Temperature
SW Saturation Voltage vs
Temperature
Start-Up
TEMPERATURE (°C)
–50
1.23
1.24
1.25
25
75
150
3572 G01
1.22
1.21
1.20
–25
0
50
100 125
TEMPERATURE (°C)
–50
1.5
2.0
2.5
25
75
150
3572 G02
1.0
0.5
0
–25
0
50
100 125
RT = 13k
RT = 35k
TEMPERATURE (°C)
–50
4
6
150
3572 G03
2
0
0
50
100
–25
25
75
125
8
3
5
1
7
TEMPERATURE (°C)
–50
2.0
3.0
150
3572 G04
1.0
0
0
50
100
–25
25
75
125
4.0
1.5
2.5
0.5
3.5
TEMPERATURE (°C)
–50
0
1
3
4
5
10
7
0
50
75
3572 G05
2
8
9
6
–25
25
100 125
150
VSHDN = 5V
VSHDN = 2.5V
TEMPERATURE (°C)
–50
0.8
1.2
150
3572 G06
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
TEMPERATURE (°C)
–50
0
0.05
0.15
0.20
0.25
0.50
0.35
0
50
75
3572 G07
0.10
0.40
0.45
0.30
–25
25
100 125
150
ISW = 800mA
ISW = 400mA
IIN
200mA/DIV
VOUT
20V/DIV
VOUTA
20V/DIV
PGOOD
5V/DIV
200μs/DIV
3572 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com