Electronic Components Datasheet Search
  English  ▼

X  

LT3572 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3572 Datasheet(HTML) 3 Page - Linear Technology

  LT3572 Datasheet HTML 1Page - Linear Technology LT3572 Datasheet HTML 2Page - Linear Technology LT3572 Datasheet HTML 3Page - Linear Technology LT3572 Datasheet HTML 4Page - Linear Technology LT3572 Datasheet HTML 5Page - Linear Technology LT3572 Datasheet HTML 6Page - Linear Technology LT3572 Datasheet HTML 7Page - Linear Technology LT3572 Datasheet HTML 8Page - Linear Technology LT3572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3572
3
3572fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3572 is guaranteed to meet specified performance from
0°C to 70°C operating junction temperature. Specifications over the
–40°C to 85°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDNA= VSHDNB = VSHDN = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWMA Pin Threshold
0.3
1.5
V
PWMB Pin Threshold
0.3
1.5
V
PGOOD Rising Threshold
(Note 3)
●
1.12
1.16
1.19
V
PGOOD Falling Threshold
(Note 4)
●
1.01
1.04
1.065
V
PGOOD Resistance
●
13
k
Ω
Switching Frequency
RT = 75.0k
Ω
RT = 13.0k
Ω
●
●
425
1.9
500
2.25
575
2.6
kHz
MHz
Maximum Duty Cycle
RT = 75.0k
Ω
RT = 13.0k
Ω
●
●
95
85
%
%
Synchronization Frequency
575
2500
kHz
SYNC Pin Thresholds
(Note 5)
0.3
1.5
V
SS Current
4.5
μA
FB Pin Voltage
●
1.195
1.225
1.255
V
FB Pin Voltage Line Regulation
VIN = 2.5V to 10V
0.01
0.05
%/V
FB Pin Bias Current
VFB = 1.225V (Note 6)
50
200
nA
SW Current Limit
(Note 7)
0.9
1.3
1.7
A
SW VCESAT
ISW = 800mA
310
450
mV
SW Leakage Current
SW = 40V
0.2
5
μA
OUTx Rise Time
C = 2.2nF, VOUT = 30V (Note 8)
120
ns
OUTx Fall Time
C = 2.2nF, VOUT = 30V (Note 8)
120
ns
Note 3: Rising threshold voltage on FB pin that pulls PGOOD low.
Note 4: Falling threshold voltage on FB pin that causes a high impedance
on PGOOD.
Note 5: Minimum pulse width is 100ns. Maximum off pulse width is 100ns.
Note 6: Current flows into the pin.
Note 7: Current limit guaranteed by design and/or correlation to static test.
Note 8: OUTx refers to OUTA, OUTA, OUTB, OUTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com