Electronic Components Datasheet Search
  English  ▼

X  

LT3587 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3587
Description  High Voltage Monolithic Inverter and Dual Boost
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3587 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3587 Datasheet HTML 3Page - Linear Technology LT3587 Datasheet HTML 4Page - Linear Technology LT3587 Datasheet HTML 5Page - Linear Technology LT3587 Datasheet HTML 6Page - Linear Technology LT3587 Datasheet HTML 7Page - Linear Technology LT3587 Datasheet HTML 8Page - Linear Technology LT3587 Datasheet HTML 9Page - Linear Technology LT3587 Datasheet HTML 10Page - Linear Technology LT3587 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3587
7
3587fc
PIN FUNCTIONS
VOUT1 (Pin 14): Boost1 Output Pin. This pin is the drain
of an output disconnect PMOS transistor.
FB1 (Pin 15): Boost1 Output Voltage Feedback Pin. Con-
nect a resistor RFB1 from this pin to VOUT1 (or CAP1)
such that:
RFB1 = ((VVOUT1/1.22V) – 1) • 88.5k
There is an internal 88.5k resistor from the FB1 pin to
ground.
EN/SS1 (Pin 16): Boost1/Inverter Shutdown and Soft-Start
Pin. Boost1 and Inverter are enabled when the voltage
on this pin is greater than 2.5V. They are disabled when
the voltage is below 0.2V. An internal 1μA current source
in conjunction with an external capacitor can be used to
ramp this pin and provide soft-start.
VIN (Pin 17): Input Supply Pin. Must be locally bypassed
with an X5R or X7R type ceramic capacitor.
EN/SS3 (Pin 18): Boost3 Shutdown and Soft-Start Pin.
Boost3 is enabled when the voltage on this pin is greater
than 2V. It is disabled when the voltage is below 0.2V. An
internal 1μA current source in conjunction with an exter-
nal capacitor can be used to ramp this pin and provide
soft-start.
IFB3 (Pin 19): Boost3 Output Current Programming Pin.
Connect a resistor RIFB3 from this pin to ground such
that:
RIFB3 = 200 • (0.8V/IVOUT3)
If Boost3 output is configured as a voltage regulator,
RIFB3 can be optionally used to limit the maximum output
current to ILIMIT:
RIFB3 = 200 • (0.8V/ILIMIT)
Note: Tie IFB3 to GND when no current limit is desired.
VFB3 (Pin 20): Boost3 Output Voltage Feedback Pin. Con-
nect a resistor RVFB3 from this pin to VOUT3 (or CAP3)
such that:
RVFB3 = ((VVOUT3/0.8V) – 1) • 56.3k
There is an internal 56.3k resistor from the VFB3 pin to
ground. In the current regulator configuration, RVFB3 can
be optionally used to limit the maximum output voltage
to VCLAMP, such that:
RVFB3 = ((VCLAMP/0.8V) – 1) • 56.3k
Note: When no voltage clamp is desired in the current
regulator configuration, tie VFB3 to GND.
Exposed Pad (Pin 21): Ground Pin. Connect to PCB ground
plane. Ground plane connection through multiple vias under
the package is recommended for optimum electrical and
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com